Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75831SK8 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HUFA75831SK8
Description  3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75831SK8 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HUFA75831SK8 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75831SK8 Rev. B
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
TA, AMBIENT TEMPERATURE (
oC)
0
025
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
2
4
50
75
100
125
0
25
TA, AMBIENT TEMPERATURE (
oC)
150
VGS = 10V, RθJA = 50
oC/W
3
1
0.01
0.1
1
3
10-4
10-3
10-2
10-1
100
101
102
103
0.001
10-5
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
RθJA = 50
oC/W
10
500
1
10-4
10-3
10-2
10-1
100
103
10-5
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
TA = 25
oC
I = I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
100
VGS = 10V
RθJA = 50
oC/W
101
102
HUFA75831SK8


Similar Part No. - HUFA75831SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3S FAIRCHILD-HUFA75823D3S Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75829D3 FAIRCHILD-HUFA75829D3 Datasheet
192Kb / 10P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75829D3S FAIRCHILD-HUFA75829D3S Datasheet
192Kb / 10P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUFA75831SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75831SK8 FAIRCHILD-HUF75831SK8 Datasheet
250Kb / 11P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75831SK8 INTERSIL-HUF75831SK8 Datasheet
182Kb / 12P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75829D3 INTERSIL-HUF75829D3 Datasheet
122Kb / 9P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFET
HUF75823D3 INTERSIL-HUF75823D3 Datasheet
186Kb / 11P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com