Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK2A-L2-6V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DK2A-L2-6V
Description  1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DK2A-L2-6V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DK2A-L2-6V Datasheet HTML 1Page - Panasonic Semiconductor DK2A-L2-6V Datasheet HTML 2Page - Panasonic Semiconductor DK2A-L2-6V Datasheet HTML 3Page - Panasonic Semiconductor DK2A-L2-6V Datasheet HTML 4Page - Panasonic Semiconductor DK2A-L2-6V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DK
ASCTB177E 201202-T
ORDERING INFORMATION
1a 10A, 1a1b/2a 8A small
polarized power relays
DK RELAYS
VDE
RoHS compliant
FEATURES
1. Compact with high capacity
High capacity switching in a small
package: 1 Form A, 10 A 250 V AC;
1 Form A 1 Form B and 2 Form A, 8 A
250 V AC.
2. High sensitivity: 200 mW nominal
operating power
3. High breakdown voltage
Independent coil and the contact
structure improves breakdown voltage.
Conforms with FCC Part 68
4. Latching types available
5. Sealed construction allows
automatic washing.
6. Sockets are available
7. Complies with safety standards
Complies with Japan Electrical
Appliance and Material Safety Law
requirements for operating 200 V
power supply circuits, and complies
with UL, CSA, and TÜV safety
standards.
TYPICAL APPLICATIONS
1. Switching power supply
2. Power switching for various
OA equipment
3. Control or driving relays for
industrial machines (robotics,
numerical control machines, etc.)
4. Output relays for programmable
logic controllers, temperature
controllers, timers and so on.
5. Home appliances
Between contact
and coil
Between open contacts
4,000 Vrms for 1 min.
10,000 V surge
breakdown voltage
1,000 Vrms for 1 min.
1,500 V surge
breakdown voltage
Nominal coil voltage (DC)
3, 5, 6, 9, 12, 24V
DK
Operating function
Nil:
L2:
Single side stable
2 coil latching
Contact arrangement
1a:
2a:
1a1b:
1 Form A
2 Form A
1 Form A 1 Form B
Notes: 1. Certified by UL, CSA and TÜV
2. VDE approved type is available.
Contact material
F:
Nil:
1 Form A (AgSnO2 type)
2 Form A, 1 FormA 1 Form B (Au-flashed AgNi type)


Similar Part No. - DK2A-L2-6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DK2A-L2-6V NAIS-DK2A-L2-6V Datasheet
141Kb / 5P
   MINIATURE POWER RELAY
More results

Similar Description - DK2A-L2-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
ST1-DC3V-F PANASONIC-ST1-DC3V-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com