Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKH102JB3A Datasheet(PDF) 50 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKH102JB3A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKH102JB3A Datasheet(HTML) 50 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKH102JB3A Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. DE11XKH102JB3A Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. DE11XKH102JB3A Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. DE11XKH102JB3A Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. DE11XKH102JB3A Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. DE11XKH102JB3A Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. DE11XKH102JB3A Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. DE11XKH102JB3A Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. DE11XKH102JB3A Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
C85E.pdf
Jul.13,2011
DEB Series (Class2 / DC1kV-3.15kV) Specifications and Test Methods
No.
Item
Specifications
Test Method
15
Humidity (Under
Steady State)
Appearance
Capacitance
Change
D.F.
I.R.
No marked defect
Char. B: Within ±10%
Char. E: Within ±20%
Char. F: Within ±30%
Char. B, E: 5.0% max.
Char. F: 7.5% max.
1000M
Ω min.
Set the capacitor for 500+24/-0 hrs. at 40±2°C in 90 to 95%
relative humidity.
Pre-treatment: Capacitor should be stored at 85±2°C for 1 hr.,
then placed at room condition* for 24±2 hrs.
before initial measurements.
Post-treatment: Capacitor should be stored for 1 to 2 hrs. at
room condition.*
16
Humidity
Loading
Appearance
No marked defect
Capacitance
Change
Char. B: Within ±10%
Char. E: Within ±20%
Char. F: Within ±30%
D.F.
Char. B, E: 5.0% max.
Char. F: 7.5% max.
I.R.
500M
Ω min.
Apply the rated voltage for 500+24/-0 hrs. at 40±2°C in 90 to
95% relative humidity. (Charge/Discharge current
V50mA)
Pre-treatment: Capacitor should be stored at 85±2°C for 1 hr.,
then placed at room condition* for 24±2 hrs.
before initial measurements.
Post-treatment: Capacitor should be stored at 85±2°C for 1 hr.,
then placed at room condition* for 24±2 hrs.
17
Life
Appearance
No marked defect
Capacitance
Change
Char. B: Within ±10%
Char. E: Within ±20%
Char. F: Within ±30%
D.F.
Char. B, E: 4.0% max.
Char. F: 7.5% max.
I.R.
2000M
Ω min.
Apply a DC voltage of 150% of the rated voltage for
1000+48/-0 hrs. at 85±2°C with a relative humidity of 50% max.
(Charge/Discharge current
V50mA)
Pre-treatment: Capacitor should be stored at 85±2°C for 1 hr.,
then placed at room condition* for 24±2 hrs.
before initial measurements.
Post-treatment: Capacitor should be stored at 85±2°C for 1 hr.,
then placed at room condition* for 24±2 hrs.
14
Temperature
and Immersion
Cycle
Appearance
No marked defect
Capacitance
Change
Char. B: Within ±10%
Char. E: Within ±20%
Char. F: Within ±30%
D.F.
Char. B, E: 4.0% max.
Char. F: 7.5% max.
I.R.
2000M
Ω min.
Dielectric Strength
(Between Lead
Wires)
Per item 4.
The capacitor should be subjected to 5 temperature cycles,
then consecutively to 2 immersion cycles.
<Temperature Cycle>
Cycle time: 5 cycles
<Immersion Cycle>
Cycle time : 2 cycles
Pre-treatment: Capacitor should be stored at 85±2°C for 1 hr.,
then placed at room condition* for 24±2 hrs.
before initial measurements.
Post-treatment: Capacitor should be stored for 4 to 24 hrs. at
room condition.*
* "Room condition" Temperature: 15 to 35°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Continued from the preceding page.
1
Time (min)
-25±3
30
2
Room Temp.
3
3
85±3
30
4
Room Temp.
3
Step
Temperature (°C)
Time (min)
1
65+5/-0
Clean water
15
2
0±3
Salt water
15
Step
Temperature (°C)
Immersion Water
13
Soldering Effect
(On-Preheat)
Appearance
Capacitance
Change
Dielectric Strength
(Between Lead
Wires)
No marked defect
Char. B: Within ±5%
Char. E: Within ±15%
Char. F: Within ±20%
Per item 4.
First the capacitor should be
stored at 120+0/-5°C for
60+0/-5 sec.
Then, as in the figure, the lead
wires should be immersed in
solder of 260+0/-5°C up to 1.5 to
2.0mm from the root of terminal
for 7.5+0/-1 sec.
Pre-treatment: Capacitor should be stored at 85±2°C for 1 hr.,
then placed at room condition* for 24±2 hrs.
before initial measurements.
Post-treatment: Capacitor should be stored for 4 to 24 hrs. at
room condition.*
,,,,,,,,,,
,,,,,,,,,,
,
,
,
,,,
,,,,
,,,,,,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
DEB Series Specifications and Test Methods
48
9
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DE11XKH102JB3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKH102JA2A MURATA-DE11XKH102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XKH102JB3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com