Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR06FB155KB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CWR06FB155KB
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06FB155KB Datasheet(HTML) 6 Page - Vishay Siliconix

  CWR06FB155KB Datasheet HTML 1Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 2Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 3Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 4Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 5Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 6Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CWR06
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
6
Document Number: 40009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Bulk capacitors are shipped in plastic trays
(2) T level capacitors are only shipped in tape and reel/or waffle packaging. Contact factory for waffle pack quantities
STANDARD PACKAGING QUANTITY
CASE CODE
QUANTITY (PCS/REEL)
BULK, PLASTIC
TRAY QUANTITY
(PCS)
7", FULL REEL
(/TR)
7", HALF REEL
(/HR)
7", PARTIAL REEL
(/PR)
A, B, C, D, E
2500
1250
100
75
F
1000
500
100
75
G
600
300
100
60
H
600
300
100
50
PAD DIMENSIONS in inches [millimeters]
CASE CODE
WIDTH (A)
PAD METALLIZATION (B)
SEPARATION (C)
A
0.065 [1.6]
0.050 [1.3]
0.040 [1.0]
B
0.065 [1.6]
0.070 [1.8]
0.055 [1.4]
C
0.065 [1.6]
0.070 [1.8]
0.120 [3.0]
D
0.115 [2.9]
0.070 [1.8]
0.070 [1.8]
E
0.115 [2.9]
0.070 [1.8]
0.120 [3.0]
F
0.150 [3.8]
0.070 [1.8]
0.140 [3.6]
G
0.125 [3.2]
0.070 [1.8]
0.170 [4.3]
H
0.165 [4.2]
0.090 [2.3]
0.170 [4.3]
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT + 25 °C (W) IN FREE AIR
A0.060
B, C
0.075
D, E
0.085
F0.110
G0.120
H0.150
PRODUCT INFORMATION
Conformal Coated Guide
www.vishay.com/doc?40150
Pad Dimensions
Package Dimensions
Moisture Sensitivity
www.vishay.com/doc?40135
SELECTOR GUIDES
Solid Tantalum Selector Guide
www.vishay.com/doc?49053
Solid Tantalum Chip Capacitors
www.vishay.com/doc?40091
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110
A
C
B
B


Similar Part No. - CWR06FB155KB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06FB155K VISHAY-CWR06FB155K Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
More results

Similar Description - CWR06FB155KB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
595D VISHAY-595D Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com