Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEJB3KH102JB3A Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # DEJB3KH102JB3A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEJB3KH102JB3A Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button DEJB3KH102JB3A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DEJB3KH102JB3A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DEJB3KH102JB3A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DEJB3KH102JB3A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DEJB3KH102JB3A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DEJB3KH102JB3A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DEJB3KH102JB3A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DEJB3KH102JB3A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DEJB3KH102JB3A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C85E.pdf
Jul.13,2011
4
(Part Number)
Safety Standard Certified Ceramic Capacitors for Automotive
tCapacitance
Expressed by three figures. The unit is pico-farad (pF). The first
and second figures are significant digits, and the third figure
expresses the number of zeros that follow the two numbers.
oIndividual Specification Code
For part number that cannot be identified without "Individual
Specification," it is added at the end of part number, expressed
by three-digit alphanumerics.
The first three digits express product code. The fourth figure
expresses certified type shown in
rSafety Standard Certified Type
column.
Vertical Crimp
Long
Vertical Crimp
Short
Vertical Crimp
Taping
t
102
y
M
q
DE
u
N3
r
KJ
e
E3
w
6
i
A
o
qProduct ID
wSeries Category
eTemperature Characteristics
rRated Voltage/Safety Standard Certified Type
Code
KJ
yCapacitance Tolerance
Capacitance Tolerance
Code
K
M
T10%
T20%
Contents
Outline
Code
6
Cap. Change
or Temp. Coeff.
Temperature
Range
Temperature
Characteristics
Rated Voltage
Code
B3
E3
T10%
W20%,Y55%
Y25 to W85D
B
E
Safety Standard
Certified
IEC60384-14 Class X1, Y2
X1, Y2; AC300V, (Safety Standard Certified Type KJ)
Product ID
DE
Safety Standard Certified Ceramic Capacitors/
High Voltage Ceramic Capacitors
uLead Style
Lead
Style
Code
A3
B3
N3
Lead
Spacing
Pitch of
Components
Lead Diameter
Dimensions (mm)
7.5
ø0.6
T0.05
Y
Y
15
iPackaging
Packaging
Code
A
B
Ammo Pack Taping
Bulk


Similar Part No. - DEJB3KH102JB3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DEJB3KH102JA2A MURATA-DEJB3KH102JA2A Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
More results

Similar Description - DEJB3KH102JB3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com