Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75639S3S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HUFA75639S3S
Description  56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75639S3S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HUFA75639S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75639S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75639G3, HUFA75639P3, HUFA75639S3S Rev. B
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
100
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
100
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Drain Current
Continuous (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
56
Figure 4
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Figures 6, 14, 15
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
200
1.35
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
100
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 95V, VGS = 0V
-
-
1
µA
VDS = 90V, VGS = 0V, TC = 150
oC-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
2
-
4
V
Drain to Source On Resistance
rDS(ON)
ID = 56A, VGS = 10V (Figure 9)
-
0.021
0.025
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
(Figure 3)
-
-
0.74
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-247
-
-
30
oC/W
TO-220, TO-263
-
-
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 50V, ID ≅ 56A,
RL = 0.89Ω, VGS = 10V,
RGS = 5.1Ω
--
110
ns
Turn-On Delay Time
td(ON)
-15
-
ns
Rise Time
tr
-60
-
ns
Turn-Off Delay Time
td(OFF)
-20
-
ns
Fall Time
tf
-25
-
ns
Turn-Off Time
tOFF
-
-
70
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 50V,
ID ≅ 56A,
RL = 0.89Ω
Ig(REF) = 1.0mA
(Figure 13)
-
110
130
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
57
75
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
3.7
4.5
nC
Gate to Source Gate Charge
Qgs
-9.8
-
nC
Gate to Drain “Miller” Charge
Qgd
-24
-
nC
HUFA75639G3, HUFA75639P3, HUFA75639S3S


Similar Part No. - HUFA75639S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUFA75639S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639S3ST FAIRCHILD-HUF75639S3ST Datasheet
234Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75639G3 INTERSIL-HUF75639G3 Datasheet
370Kb / 9P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUF75639S3R4851 FAIRCHILD-HUF75639S3R4851 Datasheet
204Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75639S3R4851 INTERSIL-HUF75639S3R4851 Datasheet
136Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com