Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFELA10M7FA00-B0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part No. SFELA10M7FA00-B0
Description  CERAFIL 10.7MHz Standard Lead Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFELA10M7FA00-B0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SFELA10M7FA00-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFELA10M7FA00-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFELA10M7FA00-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
14
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CERAFILr (Filters/Traps/Discriminators) for Audio/Visual Equipment
CERAFILr 10.7MHz Standard Lead Type
SFELA10M7 series for FM-receivers are monolithic type
ceramic filters which use the thickness expander mode
of the piezoelectric ceramic.
s Features
1. These miniature filters have high mechanical
strength.
2. Low loss, favorable waveform symmetry, and high
selectivity
3. Various band widths are available for applications
in wide to narrow bands.
4. Small dispersion and stable characteristics
5. Change in center frequency is typically within
+-30ppm/(degree C) at -20 to +80 (degree C).
6. High reliability
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7HA00-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7GA00-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7FA00-B0
Part Number
Center
Frequency (fo)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion
Loss
(dB)
Spurious
Attenuation
(dB)
Input/Output
Impedance
(ohm)
SFELA10M7HA00-B0
10.700
±30kHz
180
±40kHz
520 max.
7.0 max.
40 min.
330
SFELA10M7GA00-B0
10.700
±30kHz
230
±50kHz
570 max.
4.0
±2.0dB
40 min.
330
SFELA10M7FA00-B0
10.700
±30kHz
280
±50kHz
650 max.
4.0
±2.0dB
30 min.
330
Attenuation Bandwidth : at 20dB loss point
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Insertion Loss: at minimum loss point
Center frequency (fo) defined by the center of 3dB bandwidth.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
P50E.pdf 03.4.16


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn