Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT706SZI-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT706SZI-GT3
Description  uP Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT706SZI-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT706SZI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT706SZI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT706SZI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT706SZI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT706SZI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT706SZI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT706SZI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT706SZI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT706SZI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT705, CAT706, CAT813
http://onsemi.com
4
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Typical values at TA = 25°C and VCC = 5 V for CAT705, CAT706 and
CAT813 versions. VCC = 3.3 V for the CAT706 T/S versions; VCC = 3.0 V for the CAT706 R version.) (Note 1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Current
ICC
CAT705, CAT706, CAT813
6
17
mA
CAT706 (R/S/T Versions)
4
12
mA
Reset Threshold
VRST
CAT705 & CAT813 at
−40°C ≤ TA ≤ +85°C
4.50
4.65
4.75
V
CAT706 at −40°C ≤ TA ≤ +85°C
4.25
4.40
4.50
V
CAT706T at −40°C ≤ TA ≤ +85°C
3.00
3.08
3.15
V
CAT706S at −40°C ≤ TA ≤ +85°C
2.85
2.93
3.00
V
CAT706R at −40°C ≤ TA ≤ +85°C
2.55
2.63
2.70
V
Reset Threshold Tempco (Note 1)
40
ppm/°C
Reset Threshold Hysteresis
(Note 1)
CAT705 & CAT813
10
mV
CAT706
5
mV
VCC to Reset Delay (Note 2)
tRD
VCC = VTH to (VTH – 100 mV)
20
ms
Reset Active Timeout Period
tRP
140
200
400
ms
RESET Output High Voltage
VOH
CAT705 & CAT706, 4.5 V < VCC <
5.5 V, ISOURCE = −800 mA
VCC
1.5 V
V
CAT705 & CAT706, VRST (max) <
VCC < 3.6 V, ISOURCE = −500 mA
0.8 x VCC
RESET Output Low Voltage
VOL
CAT705 & CAT706, 4.5 V < VCC <
5.5 V, ISINK = 3.2 mA
0.4
V
CAT705 & CAT706, VRST (max) <
VCC < 3.6 V, ISINK = 1.2 mA
0.3
CAT705 &CAT706, VCC = 1 V,
ISINK = 100 mA
0.3
RESET Output High Voltage
VOH
CAT813, VCC = VRST max,
ISOURCE = −120 mA
VCC
1.5 V
V
CAT813, VCC = VRST max,
ISOURCE = −30 mA
0.8 x VCC
RESET Output Low Voltage
VOL
CAT813, VCC = VRST min,
ISINK = 3.2 mA
0.4
V
CAT813, VCC = 1.2 V,
ISINK = 100 mA
0.3
WATCHDOG INPUT
Watchdog Timeout Period
tWD
1.00
1.6
2.25
s
WDI Pulse Width
tWP
VIL = 0.4 V, VIH = 0.8 x VCC
50
ns
WDI Input Voltage (Note 3)
VIL
0.3 x VCC
V
VIH
0.7 x VCC
WDI Input Current (Note 3)
WDI = VCC, Time Average
50
150
mA
WDI = 0 V, Time Average
−150
−50
1. Limits are guaranteed by design and not production tested.
2. The RESET short−circuit current is the maximum pull−up current when reset is driven low by a bidirectional output.
3. WDI is internally serviced within the watchdog period if WDI is left open.
4. RESET for CAT705 & CAT706 & RESET for CAT813.
5. Not 100% tested but guaranteed by design.


Similar Part No. - CAT706SZI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT706SZI-GT3 ONSEMI-CAT706SZI-GT3 Datasheet
137Kb / 12P
   P Supervisory Circuits
April, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com