Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE011C223ZAR Datasheet(PDF) 1 Page - AVX Corporation

Part # SE011C223ZAR
Description  SMPS Capacitors (SE Style)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SE011C223ZAR Datasheet(HTML) 1 Page - AVX Corporation

  SE011C223ZAR Datasheet HTML 1Page - AVX Corporation SE011C223ZAR Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
53
SMPS Capacitors (SE Style)
Extended Commercial Radial Range
SE
01
3
C
125
M
A
A
*
Style
Size
See chart
below
Voltage
25V = 3
50V = 5
100V = 1
Temperature
Coefficient
X7R = C
Capacitance
Code
(2 significant
digits + no.
of zeros)
22 nF = 223
220 nF = 224
1 μF = 105
100 μF = 107
Capacitance
Tolerance
X7R: K = ±10%
M = ±20%
Z = +80, -20%
Test
Level
A = Standard
B = Hi-Rel*
Leads
A = Tin/Lead
R = RoHS
Compliant
Packaging
(See Note 1)
Note 1: No suffix signifies bulk packaging,
which is AVX standard packaging.
Parts available tape and reel per EIA-
468. Use suffix “TR1” if tape & reel is
required.
Note: Capacitors with X7R dielectrics are not intended for applications across
AC supply mains or AC line filtering with polarity reversal. Contact plant for
recommendations.
*Hi-Rel screening consists of 100% Group A, Subgroup 1 per MIL-PRF-39014.
PRODUCT OFFERING – X7R
AVX SE styles offer capacitance extension to popular SK ranges. The CV
product for SE-series, X7R capacitors (TCC: ±15% over -55 to +125°C)
compares favorably to high CV ranges offered by other suppliers in much
less stable Y5U dielectric (TCC: +22/-56% over -30 to +85°C). SE style
capacitors are conformally coated and are designed for input and output
filtering applications in switch mode power supplies.
Temperature Coefficient
X7R: Temperature Coefficient ±15%, -55° to +125°C
Capacitance Test (MIL-STD-202 Method 305)
X7R: 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Dissipation Factor 25°C
X7R: 2.5% Max @ 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Insulation Resistance 25°C (MIL-STD-202 Method 302)
X7R: 100K MΩ or 1000 MΩ-μF, whichever is less.
Insulation Resistance 125°C (MIL-STD-202 Method 302)
X7R: 10K MΩ or 100 MΩ-μF, whichever is less.
Dielectric Withstanding Voltage 25°C (Flash Test)
X7R: 250% rated voltage for 5 seconds with 50 mA max
charging current.
Life Test (1000 hrs)
X7R: 200% rated voltage at +125°C
Moisture Resistance (MIL-STD-202 Method 106)
X7R: Ten cycles with no voltage applied.
Thermal Shock (MIL-STD-202 Method 107, Condition A)
Immersion Cycling (MIL-STD-202 Method 104, Condition B)
Resistance To Solder Heat (MIL-STD-202, Method 210,
Condition B, for 20 seconds)
ELECTRICAL SPECIFICATIONS
TAPE & REEL QUANTITY
Part
Pieces
SE01
2000
SE03/SE53
1000
SE04/SE54
1000
SE05/SE55
500
SE06/SE56
500
RoHS
Part
Available
SE01
Yes
SE03/SE53
Yes
SE04/SE54
Yes
SE05/SE55
Yes
SE06/SE56
Yes
HOW TO ORDER


Similar Part No. - SE011C223ZAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE011 ETC2-SE011 Datasheet
996Kb / 3P
   PT-100 Temperature Sensors
logo
Pico Technology Ltd.
SE011 PICO-SE011 Datasheet
6Mb / 9P
   High-accuracy platinum resistance data logger
More results

Similar Description - SE011C223ZAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SE01 AVX-SE01 Datasheet
92Kb / 2P
   SMPS Capacitors (SE Style) Extended Commercial Radial Range
RH21 AVX-RH21 Datasheet
66Kb / 2P
   SMPS Capacitors (RH Style)
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM01 AVX-SM01 Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM91 AVX-SM91 Datasheet
80Kb / 3P
   SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
SK01 AVX-SK01 Datasheet
94Kb / 2P
   SMPS Capacitors (SK Style) Commercial Radial Range
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
   SMPS Stacked MLC Capacitors (SMM Style) Extended Range
RH21-62 AVX-RH21-62 Datasheet
66Kb / 2P
   SMPS Capacitors (RH Style) RH - Surface Mount ?쁉??Lead Range
RMM AVX-RMM Datasheet
104Kb / 2P
   RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
SMX AVX-SMX Datasheet
163Kb / 4P
   SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com