Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR06DB155MS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CWR06DB155MS
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06DB155MS Datasheet(HTML) 3 Page - Vishay Siliconix

  CWR06DB155MS Datasheet HTML 1Page - Vishay Siliconix CWR06DB155MS Datasheet HTML 2Page - Vishay Siliconix CWR06DB155MS Datasheet HTML 3Page - Vishay Siliconix CWR06DB155MS Datasheet HTML 4Page - Vishay Siliconix CWR06DB155MS Datasheet HTML 5Page - Vishay Siliconix CWR06DB155MS Datasheet HTML 6Page - Vishay Siliconix CWR06DB155MS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CWR06
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
3
Document Number: 40009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT + 85 °C; 7 VDC AT + 125 °C
1.0
A
CWR06F(1)105(2)(3)(4)(5)
1.0
10
12
6
8
8
12.0
2.2
B
CWR06F(1)225(2)(3)(4)(5)
1.0
10
12
6
8
8
8.0
3.3
C
CWR06F(1)335(2)(3)(4)(5)
1.0
10
12
6
8
8
5.5
4.7
D
CWR06F(1)475(2)(3)(4)(5)
1.0
10
12
6
8
8
4.5
6.8
E
CWR06F(1)685(2)(3)(4)(5)
1.0
10
12
6
8
8
3.5
15
F
CWR06F(1)156(2)(3)(4)(5)
2.0
20
24
8
8
10
2.5
33
G
CWR06F(1)336(2)(3)(4)(5)
3.0
30
36
10
12
12
1.1
47
H
CWR06F(1)476(2)(3)(4)(5)
5.0
50
60
10
12
12
0.9
15 VDC AT + 85 °C; 10 VDC AT + 125 °C
0.68
A
CWR06H(1)684(2)(3)(4)(5)
1.0
10
12
6
8
8
12.0
1.5
B
CWR06H(1)155(2)(3)(4)(5)
1.0
10
12
6
8
8
8.0
2.2
C
CWR06H(1)225(2)(3)(4)(5)
1.0
10
12
6
8
8
5.5
3.3
D
CWR06H(1)335(2)(3)(4)(5)
1.0
10
12
6
8
8
5.0
4.7
E
CWR06H(1)475(2)(3)(4)(5)
1.0
10
12
6
8
8
4.0
10
F
CWR06H(1)106(2)(3)(4)(5)
2.0
20
24
6
8
8
2.5
22
G
CWR06H(1)226(2)(3)(4)(5)
4.0
40
48
6
8
8
1.1
33
H
CWR06H(1)336(2)(3)(4)(5)
5.0
50
60
8
8
10
0.9
20 VDC AT + 85 °C; 13 VDC AT + 125 °C
0.47
A
CWR06J(1)474(2)(3)(4)(5)
1.0
10
12
8
8
10
16.0
0.68
B
CWR06J(1)684(2)(3)(4)(5)
1.0
10
12
6
8
8
14.0
1.0
B
CWR06J(1)105(2)(3)(4)(5)
1.0
10
12
6
8
8
12.0
1.5
C
CWR06J(1)155(2)(3)(4)(5)
1.0
10
12
6
8
8
6.0
2.2
D
CWR06J(1)225(2)(3)(4)(5)
1.0
10
12
6
8
8
5.0
3.3
E
CWR06J(1)335(2)(3)(4)(5)
1.0
10
12
6
8
8
4.0
6.8
F
CWR06J(1)685(2)(3)(4)(5)
2.0
20
24
6
8
8
2.4
15
G
CWR06J(1)156(2)(3)(4)(5)
3.0
30
36
6
8
8
1.1
22
H
CWR06J(1)226(2)(3)(4)(5)
4.0
40
48
6
8
8
0.9
25 VDC AT + 85 °C; 17 VDC AT + 125 °C
0.33
A
CWR06K(1)334(2)(3)(4)(5)
1.0
10
12
6
8
8
15.0
0.68
B
CWR06K(1)684(2)(3)(4)(5)
1.0
10
12
6
8
8
10.0
1.0
C
CWR06K(1)105(2)(3)(4)(5)
1.0
10
12
6
8
8
6.5
1.5
D
CWR06K(1)155(2)(3)(4)(5)
1.0
10
12
6
8
8
6.5
2.2
E
CWR06K(1)225(2)(3)(4)(5)
1.0
10
12
6
8
8
3.5
4.7
F
CWR06K(1)475(2)(3)(4)(5)
2.0
20
24
6
8
8
2.5
6.8
G
CWR06K(1)685(2)(3)(4)(5)
2.0
20
24
6
8
8
1.2
10
G
CWR06K(1)106(2)(3)(4)(5)
3.0
30
36
6
8
8
1.4
15
H
CWR06K(1)156(2)(3)(4)(5)
4.0
40
48
6
8
8
1.0
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL (μA) AT
MAX. DF (%) AT
MAX. ESR
AT + 25 °C
100 kHz
(
)
+ 25 °C
+ 85 °C
+ 125 °C
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
Notes
• Part number definitions:
(1) Termination finish: B, C, H, K
(2) Capacitance tolerance: J, K, M
(3) Failure rate: B, C, D, M, P, R, S, T
(4) Surge current (optional): A, B, C
(5) Packaging: Blank, /FA, /HR, /PR, /TR
(1) 5 % tolerance is not available for the 0.33 μF/50 V design


Similar Part No. - CWR06DB155MS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06DB155M VISHAY-CWR06DB155M Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
More results

Similar Description - CWR06DB155MS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
595D VISHAY-595D Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com