Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT22C10LI20 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT22C10LI20
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT22C10LI20 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT22C10LI20 Datasheet HTML 2Page - ON Semiconductor CAT22C10LI20 Datasheet HTML 3Page - ON Semiconductor CAT22C10LI20 Datasheet HTML 4Page - ON Semiconductor CAT22C10LI20 Datasheet HTML 5Page - ON Semiconductor CAT22C10LI20 Datasheet HTML 6Page - ON Semiconductor CAT22C10LI20 Datasheet HTML 7Page - ON Semiconductor CAT22C10LI20 Datasheet HTML 8Page - ON Semiconductor CAT22C10LI20 Datasheet HTML 9Page - ON Semiconductor CAT22C10LI20 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT22C10
6
Doc. No. MD-1082, Rev. R
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice.
DEVICE OPERATION
The configuration of the CAT22C10 allows a common
address bus to be directly connected to the address
inputs. Additionally, the Input/Output (I/O) pins can be
directly connected to a common I/O bus if the bus has
less than 1 TTL load and 100pF capacitance. If not, the
I/O path should be buffered.
When the chip select (
CS) pin goes low, the device is
activated. When CS is forced high, the device goes into
the standby mode and consumes very little current. With
the nonvolatile functions inhibited, the device operates
like a Static RAM. The Write Enable (
WE) pin selects a
write operation when
WE is low and a read operation
when
WE is high. In either of these modes, an array byte
(4 bits) can be addressed uniquely by using the address
lines (A0–A5), and that byte will be read or written to
through the Input/Output pins (I/O0–I/O3).
The nonvolatile functions are inhibited by holding the
STORE input and the RECALL input high. When the
RECALL input is taken low, it initiates a recall operation
which transfers the contents of the entire EEPROM
array into the Static RAM. When the
STORE input is
taken low, it initiates a store operation which transfers
the entire Static RAM array contents into the EEPROM
array.
Standby Mode
The chip select (
CS) input controls all of the functions of
the CAT22C10. When a high level is supplied to the
CS
pin, the device goes into the standby mode where the
outputs are put into a high impendance state and the
power consumption is drastically reduced. With ISB less
than 100
µA in standby mode, the designer has the
flexibility to use this part in battery operated systems.
Read
When the chip is enabled (
CS = low), the nonvolatile
functions are inhibited (
STORE = high and RECALL =
high). With the Write Enable (
WE) pin held high, the data
in the Static RAM array may be accessed by selecting an
address with input pins A0–A5. This will occur when the
outputs are connected to a bus which is loaded by no more
than 100pF and 1 TTL gate. If the loading is greater than
this, some additional buffering circuitry is recommended.
Figure 1. Read Cycle Timing
ADDRESS
CS
DATA I/O
tRC
tCO
tAA
tLZ
tOH
tHZ
HIGH-Z
DATA VALID


Similar Part No. - CAT22C10LI20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT22C10LI20 ONSEMI-CAT22C10LI20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI20 ONSEMI-CAT22C10LI20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
More results

Similar Description - CAT22C10LI20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com