Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR2T10A-3BA208 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OR2T10A-3BA208
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2T10A-3BA208 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OR2T10A-3BA208 Datasheet HTML 1Page - List of Unclassifed Manufacturers OR2T10A-3BA208 Datasheet HTML 2Page - List of Unclassifed Manufacturers OR2T10A-3BA208 Datasheet HTML 3Page - List of Unclassifed Manufacturers OR2T10A-3BA208 Datasheet HTML 4Page - List of Unclassifed Manufacturers OR2T10A-3BA208 Datasheet HTML 5Page - List of Unclassifed Manufacturers OR2T10A-3BA208 Datasheet HTML 6Page - List of Unclassifed Manufacturers OR2T10A-3BA208 Datasheet HTML 7Page - List of Unclassifed Manufacturers OR2T10A-3BA208 Datasheet HTML 8Page - List of Unclassifed Manufacturers OR2T10A-3BA208 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
3
Description
The
ORCA Series 2 series of SRAM-based FPGAs are
an enhanced version of the ATT2C/2T architecture.
The latest
ORCA series includes patented architectural
enhancements that make functions faster and easier to
design while conserving the use of PLCs and routing
resources.
The Series 2 devices can be used as drop-in replace-
ments for the ATT2Cxx/ATT2Txx series, respectively,
and they are also bit stream compatible with each
other. The usable gate counts associated with each
series are provided in Table 1. Both series are offered
in a variety of packages, speed grades, and tempera-
ture ranges.
The
ORCA series FPGA consists of two basic ele-
ments: programmable logic cells (PLCs) and program-
mable input/output cells (PICs). An array of PLCs is
surrounded by PICs as shown in Figure 1. Each PLC
contains a programmable function unit (PFU). The
PLCs and PICs also contain routing resources and
configuration RAM. All logic is done in the PFU. Each
PFU contains four 16-bit look-up tables (LUTs) and four
latches/flip-flops (FFs).
The PLC architecture provides a balanced mix of logic
and routing that allows a higher utilized gate/PFU than
alternative architectures. The routing resources carry
logic signals between PFUs and I/O pads. The routing
in the PLC is symmetrical about the horizontal and ver-
tical axes. This improves routability by allowing a bus of
signals to be routed into the PLC from any direction.
Some examples of the resources required and the per-
formance that can be achieved using these devices are
represented in Table 2.
Table 2
. ORCA Series 2 System Performance
1. Implemented using 4 x 1 multiplier mode (unpipelined), register-to-register, two 8-bit inputs, one 16-bit output.
2. Implemented using two 16 x 12 ROMs and one 12-bit adder, one 8-bit input, one fixed operand, one 16-bit output.
3. Implemented using 4 x 1 multiplier mode (fully pipelined), two 8-bit inputs, one 16-bit output (28 of 44 PFUs contain only pipelining registers).
4. Implemented using 16 x 4 synchronous single-port RAM mode allowing both read and write per clock cycle, including write/read address
multiplexer.
5. Implemented using 16 x 4 synchronous single-port RAM mode allowing either read or write per clock cycle, including write/read address mul-
tiplexer.
6. Implemented using 16 x 2 synchronous dual-port RAM mode.
7. OR2TxxB available only in -7 and -8 speeds only.
8. Speed grades of -5, -6, and -7 are for OR2TxxA devices only.
Function
#
PFUs
Speed Grade
Unit
-2A
-3A
-4A
-5A
-6A
-7A
-7B
-8B
16-bit loadable up/down
counter
4
51.0
66.7
87.0
104.2
129.9
144.9
131.6
149.3
MHz
16-bit accumulator
4
51.0
66.7
87.0
104.2
129.9
144.9
131.6
149.3
MHz
8 x 8 parallel multiplier:
— Multiplier mode, unpipelined1
— ROM mode, unpipelined2
— Multiplier mode, pipelined3
22
9
44
14.2
41.5
50.5
19.3
55.6
69.0
25.1
71.9
82.0
31.0
87.7
103.1
36.0
107.5
125.0
40.3
122.0
142.9
37.7
103.1
123.5
44.8
120.5
142.9
MHz
MHz
MHz
32 x 16 RAM:
— Single port (read and write/
cycle)4
— Single port5
— Dual port6
9
9
16
21.8
38.2
38.2
28.6
52.6
52.6
36.2
69.0
83.3
53.8
92.6
92.6
53.8
92.6
92.6
62.5
96.2
96.2
57.5
97.7
97.7
69.4
112.4
112.4
MHz
MHz
MHz
36-bit parity check (internal)
4
13.9
11.0
9.1
7.4
5.6
5.2
6.1
5.1
ns
32-bit address decode
(internal)
3.25
12.3
9.5
7.5
6.1
4.6
4.3
4.8
4.0
ns


Similar Part No. - OR2T10A-3BA208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR2T10A LATTICE-OR2T10A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2T10A-3BA208

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com