Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT22C10LE20 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT22C10LE20
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT22C10LE20 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT22C10LE20 Datasheet HTML 1Page - ON Semiconductor CAT22C10LE20 Datasheet HTML 2Page - ON Semiconductor CAT22C10LE20 Datasheet HTML 3Page - ON Semiconductor CAT22C10LE20 Datasheet HTML 4Page - ON Semiconductor CAT22C10LE20 Datasheet HTML 5Page - ON Semiconductor CAT22C10LE20 Datasheet HTML 6Page - ON Semiconductor CAT22C10LE20 Datasheet HTML 7Page - ON Semiconductor CAT22C10LE20 Datasheet HTML 8Page - ON Semiconductor CAT22C10LE20 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT22C10
4
Doc. No. MD-1082, Rev. R
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice.
A.C. CHARACTERISTICS, Read Cycle
VCC = +5V ±10%, unless otherwise specified.
22C10-20
22C10-30
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Conditions
tRC
Read Cycle Time
200
300
ns
CL = 100pF
tAA
Address Access Time
200
300
ns
+1TTL gate
tCO
CS Access Time
200
300
ns
VOH = 2.2V
tOH
Output Data Hold Time
0
0
ns
VOL = 0.65V
tLZ(1)
CS Enable Time
0
0
ns
VIH = 2.2V
tHZ(1)
CS Disable Time
100
100
ns
VIL = 0.65V
A.C. CHARACTERISTICS, Write Cycle
VCC = +5V ±10%, unless otherwise specified.
22C10-20
22C10-30
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Conditions
tWC
Write Cycle Time
200
300
ns
tCW
CS Write Pulse Width
150
150
ns
tAS
Address Setup Time
50
50
ns
CL = 100pF
tWP
Write Pulse Width
150
150
ns
+1TTL gate
tWR
Write Recovery Time
25
25
ns
VOH = 2.2V
tDW
Data Valid Time
100
100
ns
VOL = 0.65V
tDH
Data Hold Time
0
0
ns
VIH = 2.2V
tWZ(1)
Output Disable Time
100
100
ns
VIL = 0.65V
tOW
Output Enable Time
0
0
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT22C10LE20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT22C10LE20 ONSEMI-CAT22C10LE20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LE20 ONSEMI-CAT22C10LE20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
More results

Similar Description - CAT22C10LE20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com