Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRJB150M025ARJ0100 Datasheet(PDF) 4 Page - AVX Corporation

Part # TRJB150M025ARJ0100
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJB150M025ARJ0100 Datasheet(HTML) 4 Page - AVX Corporation

  TRJB150M025ARJ0100 Datasheet HTML 1Page - AVX Corporation TRJB150M025ARJ0100 Datasheet HTML 2Page - AVX Corporation TRJB150M025ARJ0100 Datasheet HTML 3Page - AVX Corporation TRJB150M025ARJ0100 Datasheet HTML 4Page - AVX Corporation TRJB150M025ARJ0100 Datasheet HTML 5Page - AVX Corporation TRJB150M025ARJ0100 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
47
TRJ Series
Professional Tantalum Chip Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz Ripple Current Ratings (A)
100kHz Ripple Voltage Ratings (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (m
Ω)
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TRJA335*016#3500
A
3.3
16
0.40
6
3500
146
132
59
512
461
205
TRJA475*016#
A
4.7
16
0.56
6
3160
154
139
62
487
438
195
TRJA475*016#2000
A
4.7
16
0.56
6
2000
194
174
77
387
349
155
TRJB475*016#
B
4.7
16
0.56
6
3160
164
148
66
518
466
207
TRJB475*016#1500
B
4.7
16
0.56
6
1500
238
214
95
357
321
143
TRJA685*016#
A
6.8
16
0.82
4
2000
194
174
77
387
349
155
TRJA685*016#1500
A
6.8
16
0.82
4
1500
224
201
89
335
302
134
TRJB685*016#
B
6.8
16
0.82
6
2650
179
161
72
475
427
190
TRJB685*016#1200
B
6.8
16
0.82
6
1200
266
240
106
319
287
128
TRJB106*016#
B
10
16
1.2
6
2200
197
177
79
432
389
173
TRJB106*016#0800
B
10
16
1.2
6
800
326
293
130
261
235
104
TRJB156*016#
B
15
16
1.8
6
2030
205
184
82
415
374
166
TRJB156*016#0800
B
15
16
1.8
6
800
326
293
130
261
235
104
TRJB226*016#
B
22
16
2.6
6
1100
278
250
111
306
275
122
TRJB226*016#0600
B
22
16
2.6
6
600
376
339
151
226
203
90
TRJC226*016#
C
22
16
2.6
6
700
396
357
159
277
250
111
TRJC226*016#0350
C
22
16
2.6
6
350
561
505
224
196
177
78
TRJC336*016#
C
33
16
4.0
6
590
432
389
173
255
229
102
TRJC336*016#0300
C
33
16
4.0
6
300
606
545
242
182
163
73
TRJC476*016#
C
47
16
5.6
6
540
451
406
181
244
219
97
TRJC476*016#0350
C
47
16
5.6
6
350
561
505
224
196
177
78
TRJD476*016#
D
47
16
5.6
6
540
527
474
211
285
256
114
TRJD476*016#0200
D
47
16
5.6
6
200
866
779
346
173
156
69
TRJD686*016#
D
68
16
8.2
6
490
553
498
221
271
244
108
TRJD686*016#0150
D
68
16
8.2
6
150
1000
900
400
150
135
60
TRJD107*016#
D
100
16
12
6
440
584
525
234
257
231
103
TRJD107*016#0150
D
100
16
12
6
150
1000
900
400
150
135
60
TRJE107*016#
E
100
16
12
6
440
612
551
245
269
242
108
TRJE107*016#0150
E
100
16
12
6
150
1049
944
420
157
142
63
TRJE157*016#
E
150
16
16
6
300
742
667
297
222
200
89
TRJE157*016#0150
E
150
16
16
6
150
1049
944
420
157
142
63
TRJA105*020#
A
1
20
0.30
4
6630
106
96
43
705
635
282
TRJA105*020#3000
A
1
20
0.30
4
3000
158
142
63
474
427
190
TRJA155*020#
A
1.5
20
0.30
6
5460
117
105
47
640
576
256
TRJA155*020#3000
A
1.5
20
0.30
6
3000
158
142
63
474
427
190
TRJA225*020#
A
2.2
20
0.33
6
4550
128
116
51
584
526
234
TRJA225*020#3000
A
2.2
20
0.33
6
3000
158
142
63
474
427
190
TRJA335*020#
A
3.3
20
0.50
6
3740
142
127
57
530
477
212
TRJA335*020#3500
A
3.3
20
0.50
6
3500
146
132
59
512
461
205
TRJB335*020#
B
3.3
20
0.50
6
3740
151
136
60
564
507
226
TRJB335*020#1300
B
3.3
20
0.50
6
1300
256
230
102
332
299
133
TRJA475*020#
A
4.7
20
0.71
5
2500
184
166
74
461
415
184
TRJA475*020#1800
A
4.7
20
0.71
5
1800
217
196
87
391
352
156
TRJB475*020#
B
4.7
20
0.71
6
3160
164
148
66
518
466
207
TRJB475*020#1000
B
4.7
20
0.71
6
1000
292
262
117
292
262
117
TRJB685*020#
B
6.8
20
1.0
6
2650
179
161
72
475
427
190
TRJB685*020#1000
B
6.8
20
1.0
6
1000
292
262
117
292
262
117
TRJB106*020#
B
10
20
1.5
6
2200
197
177
79
432
389
173
TRJB106*020#1000
B
10
20
1.5
6
1000
292
262
117
292
262
117
TRJC106*020#
C
10
20
1.5
6
800
371
334
148
297
267
119
TRJC106*020#0500
C
10
20
1.5
6
500
469
422
188
235
211
94
TRJB156*020#
B
15
20
2.3
6
1400
280
252
112
392
353
157
TRJB156*020#0500
B
15
20
2.3
6
500
469
422
188
235
211
94
TRJC156*020#
C
15
20
2.3
6
720
391
352
156
281
253
113
TRJC156*020#0400
C
15
20
2.3
6
400
524
472
210
210
189
84
TRJC226*020#
C
22
20
3.3
6
650
411
370
165
267
241
107
TRJC226*020#0400
C
22
20
3.3
6
400
524
472
210
210
189
84
TRJD226*020#
D
22
20
3.3
6
650
480
432
192
312
281
125
TRJD226*020#0300
D
22
20
3.3
6
300
707
636
283
212
191
85
TRJC336*020#
C
33
20
5.0
6
590
432
389
173
255
229
102
TRJC336*020#0300
C
33
20
5.0
6
300
606
545
242
182
163
73
TRJD336*020#
D
33
20
5.0
6
590
504
454
202
297
268
119
TRJD336*020#0250
D
33
20
5.0
6
250
775
697
310
194
174
77
TRJD476*020#
D
47
20
7.1
6
540
527
474
211
285
256
114
TRJD476*020#0200
D
47
20
7.1
6
200
866
779
346
173
156
69
TRJD686*020#
D
68
20
10
6
490
553
498
221
271
244
108
TRJD686*020#0200
D
68
20
10
6
200
866
779
346
173
156
69
* Insert K for ±10% and M for ±20% Capacitance Tolerance
# Termination finished and packaging reel size.
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum
DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20% Capacitance Tolerance
# Termination finished and packaging reel size.
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum
DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.


Similar Part No. - TRJB150M025ARJ0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJB156004RJ AVX-TRJB156004RJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB1560060700 AVX-TRJB1560060700 Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB156006RJ AVX-TRJB156006RJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
More results

Similar Description - TRJB150M025ARJ0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com