Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CB017C0682 Datasheet(PDF) 13 Page - AVX Corporation

Part No. CB017C0682
Description  Film Chip Capacitors PEN DIELECTRIC CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB017C0682 Datasheet(HTML) 13 Page - AVX Corporation

Back Button CB017C0682 Datasheet HTML 9Page - AVX Corporation CB017C0682 Datasheet HTML 10Page - AVX Corporation CB017C0682 Datasheet HTML 11Page - AVX Corporation CB017C0682 Datasheet HTML 12Page - AVX Corporation CB017C0682 Datasheet HTML 13Page - AVX Corporation CB017C0682 Datasheet HTML 14Page - AVX Corporation CB017C0682 Datasheet HTML 15Page - AVX Corporation CB017C0682 Datasheet HTML 16Page - AVX Corporation CB017C0682 Datasheet HTML 17Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
32
VOLTAGE Vdc: 630V Vac: 250V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.0022
CB037K0222+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0027
CB037K0272+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0033
CB037K0332+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0047
CB037K0472+ --
4.70
3.20
2.50
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1201
BA
( 0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.50
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
4500
BC
( 0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
0.0056
CB047K0562+ --
5.80
5.00
2.00
0.80
12.0
8.00
2.10
330
12.4
18.4
1500
4400
BC
(0.228)
(0.195)
(0.079)
(0.032)
(0.472)
(0.315)
(0.083)
(12.99)
(0.488)
(0.724)
0.0068
CB047K0682+ --
5.80
5.00
2.00
0.80
12.0
8.0
2.10
330
12.4
18.4
1500
4400
BC
(0.228)
(0.195)
(0.079)
(0.032)
(0.472)
(0.315)
(0.083)
(12.99)
(0.488)
(0.724)
0.0082
CB047K0822+ --
5.80
5.00
2.20
0.80
12.0
8.0
2.43
330
12.4
18.4
1500
3500
BC
(0.228)
(0.195)
(0.086)
(0.032)
(0.472)
(0.315)
(0.096)
(12.99)
(0.488)
(0.724)
0.010μF
CB047K0103+ --
5.80
5.00
2.00
0.80
12.0
8.00
2.10
330
12.4
18.4
1500
4400
BC
(0.228)
(0.195)
(0.079)
(0.032)
(0.472)
(0.315)
(0.083)
(12.99)
(0.488)
(0.724)
0.012
CB047K0123+ --
5.80
5.00
3.00
0.80
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.118)
(0.032)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.015
CB047K0153+ --
5.80
5.00
3.40
0.80
12.0
8.00
3.45
330
12.4
18.4
1500
2800
BC
(0.228)
(0.195)
(0.136)
(0.032)
(0.472)
(0.315)
(0.136)
(12.99)
(0.488)
(0.724)
0.018
CB047K0183+ --
5.80
5.00
4.00
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.157)
(0.032)
(0.472)
(0.315)
(0.162)
(12.99)
(0.488)
(0.724)
0.022
CB057K0223+ --
7.20
6.10
3.40
0.80
24.0
12.0
3.80
330
16.4
22.4
1000
2250
BC
(0.283)
(0.240)
(0.136)
(0.032)
(0.944)
(0.472)
(0.149)
(12.99)
(0.645)
(0.881)
0.027
CB057K0273+ --
7.20
6.10
4.00
0.80
24.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.283)
(0.240)
(0.157)
(0.032)
(0.944)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
0.033
CB057K0333+ --
7.20
6.10
4.80
0.8
16.0
12.0
5.23
330
16.4
22.4
1000
1100
BC
(0.283)
(0.240)
(0.189)
(0.032)
(0.629)
(0.472)
(0.206)
(12.99)
(0.645)
(0.881)
0.047
CB167K0473+ --
10.5
7.60
3.80
0.80
24.0
12.0
3.93
330
24.4
30.4
500
1400
BC
(0.413)
(0.299)
(0.150)
(0.032)
(0.944)
(0.472)
(0.155)
(12.99)
(0.961)
(1.196)
0.056
CB167K0563+ --
10.5
7.60
4.60
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.181)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
0.068
CB167K0683+ --
10.5
7.60
5.50
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.216)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
0.082
CB177K0823+ --
12.8
10.2
4.50
0.80
24.0
16.0
4.70
330
24.4
30.4
300
900
BC
(0.503)
(0.402)
(0.177)
(0.032)
(0.944)
(0.629)
(0.185)
(12.99)
(0.961)
(1.196)
0.100μF
CB177K0104+ --
12.8
10.2
4.60
0.80
24.0
16.0
4.70
330
24.4
30.4
300
900
BC
(0.503)
(0.402)
(0.181)
(0.032)
(0.944)
(0.629)
(0.185)
(12.99)
(0.961)
(1.196)
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
millimeters (inches)
W
L
H
T
For other Values: upon request
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel
Film Chip Capacitors
PEN DIELECTRIC – CB Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn