Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX18-40S-0.8SV15 Datasheet(PDF) 7 Page - Hirose Electric

Part # FX18-40S-0.8SV15
Description  10Gbps 0.8mm pitch Board to Board Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX18-40S-0.8SV15 Datasheet(HTML) 7 Page - Hirose Electric

Back Button FX18-40S-0.8SV15 Datasheet HTML 3Page - Hirose Electric FX18-40S-0.8SV15 Datasheet HTML 4Page - Hirose Electric FX18-40S-0.8SV15 Datasheet HTML 5Page - Hirose Electric FX18-40S-0.8SV15 Datasheet HTML 6Page - Hirose Electric FX18-40S-0.8SV15 Datasheet HTML 7Page - Hirose Electric FX18-40S-0.8SV15 Datasheet HTML 8Page - Hirose Electric FX18-40S-0.8SV15 Datasheet HTML 9Page - Hirose Electric FX18-40S-0.8SV15 Datasheet HTML 10Page - Hirose Electric FX18-40S-0.8SV15 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FX18 Series10+Gbps 0.8mm pitch Board to Board Connectors
Straight Header
All dimensions in mm
No.F
No.1
No.G
No.H
B±0.2
A±0.2
0.35±0.1
P=0.8±0.15
3.55±0.15
E±0.25
D±0.25
C±0.15
Straight Header (10 type)
All dimensions in mm
Part Number
HRS No.
A
B
C
D
E
F
G
H(pos.)
FX18-40P-0.8SV10
CL579-0022-2
27.9
15.2
24.95
18.4
24.65
20
21
40
FX18-60P-0.8SV10
CL579-0023-5
35.9
23.2
32.95
26.4
32.65
30
31
60
FX18-80P-0.8SV10
CL579-0024-8
43.9
31.2
40.95
34.4
40.65
40
41
80
FX18-100P-0.8SV10
―――
51.9
39.2
48.95
42.4
48.65
50
51
100
FX18-120P-0.8SV10
CL579-0025-0
59.9
47.2
56.95
50.4
56.65
60
61
120
FX18-140P-0.8SV10
―――
67.9
55.2
64.95
58.4
64.65
70
71
140
indicates "available". No marking, "under development"
Part Number
HRS No.
A
B
C
D
E
F
G
H(pos.)
FX18-40P-0.8SV
CL579-0016-0
27.9
15.2
24.95
18.4
24.65
20
21
40
FX18-60P-0.8SV
CL579-0017-2
35.9
23.2
32.95
26.4
32.65
30
31
60
FX18-80P-0.8SV
CL579-0018-5
43.9
31.2
40.95
34.4
40.65
40
41
80
FX18-100P-0.8SV
––––––
51.9
39.2
48.95
42.4
48.65
50
51
100
FX18-120P-0.8SV
CL579-0020-7
59.9
47.2
56.95
50.4
56.65
60
61
120
FX18-140P-0.8SV
––––––
67.9
55.2
64.95
58.4
64.65
70
71
140
indicates "available". No marking, "under development"
E±0.25
A±0.2
D±0.25
C±0.15
5.1±0.2
1.2±0.15
1±0.15
3.55±0.15
B±0.2
P=0.8±0.15
0.25±0.1
No.H
No.F
No.1
No.G


Similar Part No. - FX18-40S-0.8SV15

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX1-144P-1.27DS HIROSE-FX1-144P-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSA HIROSE-FX1-144P-1.27DSA Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSAL HIROSE-FX1-144P-1.27DSAL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSL HIROSE-FX1-144P-1.27DSL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
More results

Similar Description - FX18-40S-0.8SV15

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
Hirose Electric
DF52 HIROSE-DF52 Datasheet
271Kb / 6P
   0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com