Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX18-120P-0.8SV10 Datasheet(PDF) 3 Page - Hirose Electric

Part # FX18-120P-0.8SV10
Description  10Gbps 0.8mm pitch Board to Board Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX18-120P-0.8SV10 Datasheet(HTML) 3 Page - Hirose Electric

  FX18-120P-0.8SV10 Datasheet HTML 1Page - Hirose Electric FX18-120P-0.8SV10 Datasheet HTML 2Page - Hirose Electric FX18-120P-0.8SV10 Datasheet HTML 3Page - Hirose Electric FX18-120P-0.8SV10 Datasheet HTML 4Page - Hirose Electric FX18-120P-0.8SV10 Datasheet HTML 5Page - Hirose Electric FX18-120P-0.8SV10 Datasheet HTML 6Page - Hirose Electric FX18-120P-0.8SV10 Datasheet HTML 7Page - Hirose Electric FX18-120P-0.8SV10 Datasheet HTML 8Page - Hirose Electric FX18-120P-0.8SV10 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FX18 Series10+Gbps 0.8mm pitch Board to Board Connectors
Pin assignment
Signal Integrity
To match 100 ohm differential impedance and to reduce crosstalk, a staggered GSSG pin assignment is recommended for
FX18. (G=ground and S=signal)
Function Chart
Right Angle Receptacle
Right Angle Header
【 FX18-**S-0.8SH 】
【 FX18-**P-0.8SH 】
【 FX18-**P-0.8SV 】
【 FX18-**S-0.8SV15 】
Straight Header
Straight Receptacle
【 FX18-**S-0.8SV20 】
【 FX18-**P-0.8SV10 】
Coplanar
connection
Vertical connection
Stacking
connection
Contact
No.1
Contact
No.21
Contact
No.20
Contact
No.40
Outer row
Inner row
Signal pin
Diff pair
Ground pin
Pin assignment ( In case of 40 pos. )
Cross section of mating (coplanar connection)
Inner row
Outer row
Stacking connections Heights
Stacking Variation
FX18-**P-0.8SV
FX18-**P-0.8SV10
FX18-**S-0.8SV15
15mm
25mm
FX18-**S-0.8SV20
20mm
30mm
Straight Receptacle
FX18-**S-0.8SV**
Straight Header
FX18-**P-0.8SV**


Similar Part No. - FX18-120P-0.8SV10

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX1-144P-1.27DS HIROSE-FX1-144P-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSA HIROSE-FX1-144P-1.27DSA Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSAL HIROSE-FX1-144P-1.27DSAL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSL HIROSE-FX1-144P-1.27DSL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
More results

Similar Description - FX18-120P-0.8SV10

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
Hirose Electric
DF52 HIROSE-DF52 Datasheet
271Kb / 6P
   0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com