Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH33MHJ-65S-0.4SH Datasheet(PDF) 10 Page - Hirose Electric

Part # FH33MHJ-65S-0.4SH
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33MHJ-65S-0.4SH Datasheet(HTML) 10 Page - Hirose Electric

Back Button FH33MHJ-65S-0.4SH Datasheet HTML 6Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 7Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 8Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 9Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 10Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 11Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 12Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 13Page - Hirose Electric FH33MHJ-65S-0.4SH Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FH33 Seriesq0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
sRecommended Temperature Profile
qUsing Lead-free Solder paste
MAX 250ç
Start
(ç)
Time (Seconds)
25ç
(60 sec.)
(60 sec.)
90 to 120 sec.
Preheating
Sodering
0
50
100
150
150ç
200ç
230ç
200
250
HRS test conditions
Solder method : Reflow, IR/hot air
Environment
: Room air
Solder composition : Paste, 96.5%Sn/3.0%Ag/0.5%Cu
(Senju Metal Industry, Co., Ltd.’s Part Number: M705-221CM5-32-10.5)
Test board
: Glass epoxy 25mm∞50mm∞0.8mm thick
Land dimensions : Contacts lead 0.3mm∞0.65mm
Metal fittings 0.55mm∞0.8mm
Metal mask
: Contacts lead 0.25mm∞0.65mm∞0.1mm thick
Metal fittings 0.55mm∞0.8mm∞0.1mm thick
This temperature profile is based on the above conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume/thickness and board
size/thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.


Similar Part No. - FH33MHJ-65S-0.4SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33MHJ-65S-0.4SH HIROSE-FH33MHJ-65S-0.4SH Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH33MHJ-65S-0.4SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com