Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH19SC-06S-0.5SH05 Datasheet(PDF) 6 Page - Hirose Electric

Part # FH19SC-06S-0.5SH05
Description  0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH19SC-06S-0.5SH05 Datasheet(HTML) 6 Page - Hirose Electric

  FH19SC-06S-0.5SH05 Datasheet HTML 1Page - Hirose Electric FH19SC-06S-0.5SH05 Datasheet HTML 2Page - Hirose Electric FH19SC-06S-0.5SH05 Datasheet HTML 3Page - Hirose Electric FH19SC-06S-0.5SH05 Datasheet HTML 4Page - Hirose Electric FH19SC-06S-0.5SH05 Datasheet HTML 5Page - Hirose Electric FH19SC-06S-0.5SH05 Datasheet HTML 6Page - Hirose Electric FH19SC-06S-0.5SH05 Datasheet HTML 7Page - Hirose Electric FH19SC-06S-0.5SH05 Datasheet HTML 8Page - Hirose Electric FH19SC-06S-0.5SH05 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FH19C & FH19SC Seriesq0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
sFH19C & FH19SC Series FPC/FFC Construction (Recommended Specifications)
1. Using Single-sided FPC
2. Using Double-sided FPC
3. Using FFC (Flexible Flat Cable)
4. Precautions
FPC : Flexible Printed Circuit
Material Name
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Material
Thickness (µm)
FH19C
FH19SC
Cu
1oz
Thermosetting adhesive
Polyimide
1 mil thick
Thermosetting adhesive
Covering layer film
Cover adhesive
Polyimide
1 mil thick
35
25
25
30
35
25
25
30
(25)
(25)
(25)
(25)
FPC : Flexible Printed Circuit
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Copper foil
Cover adhesive
Covering layer film
Reinforcement material adhesive
Stiffener
Cu
1/2oz
Thermosetting adhesive
Polyimide
1 mil thick
Thermosetting adhesive
Polyimide
FH19C : 1mil
FH19SC: 4mil
18
25
25
25
25
18
25
25
50
100
Cu
Cu
1/2oz
Thermosetting adhesive
Polyimide
1 mil thick
15
18
18
25
18
15
18
18
25
18
Material Name
Covering layer film
Cover adhesive
Surface treatment
Material
Polyimide
1 mil thick
Nickel under plated 1 to 5µm /
Gold plated 0.2µm
Thickness (µm)
FH19C
(25)
(25)
3
FH19SC
(25)
(25)
3
FFC : Flexible Flat Cable
(Nickel under plated / Gold plated), soft copper film
Adhesive
Polyester
Adhesive
Stiffener
Polyester film
Adhesive
* Practical tolerance of thickness dimension is ±20µm (i.e., 187 to 227µm).
1. This specification is a recommendation for the construction of the FH19C/
Series FPC and FFC (t=0.2±0.03).
2. For details about the construction, please contact the FPC/FFC manufacturers.
Polyester
Polyester
Polyester
Total
Polyester thermoplastic type
(12)
(30)
35
30
12
30
100
207
(12)
(30)
35
30
12
30
188
295
Material Name
Material
Thickness (µm)
FH19C
FH19SC
Surface treatment
Stiffener
Nickel under plated 1 to 5µm /
Gold plated 0.2µm
Polyimide
FH19C : 3mil
FH19SC: 7mil
3
75
175
3
Total
193
293
Total
197
297
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH19SC-06S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19SC-12S-0.5SH HIROSE-FH19SC-12S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19SC-13S-0.5SH HIROSE-FH19SC-13S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19SC-14S-0.5SH HIROSE-FH19SC-14S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19SC-15S-0.5SH HIROSE-FH19SC-15S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19SC-16S-0.5SH HIROSE-FH19SC-16S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
More results

Similar Description - FH19SC-06S-0.5SH05

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com