Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHC1-3080-1205 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # LHC1-3080-1205
Description  High Uniformity and High Efficiency Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LHC1-3080-1205 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  LHC1-3080-1205 Datasheet HTML 1Page - Lumileds Lighting Company LHC1-3080-1205 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RoHS
COMPLIANT
Color Bin Definitions
LUXEON Chip-On-Board Color Proliferations
Ecosystem for LUXEON CoB
www.philipslumileds.com/designtools
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
CIE 1931 x
Black Body Locus
3-Step
5-Step
2700K
3000K
3500K
4000K
5000K
5700K
3 SDCM and 5 SDCM
PB115 LUXEON CoB Product Brief 20130419
©2013 Philips Lumileds Lighting Company. All rights reserved.
LUXEON is a registered trademark of the Philips Lumileds Lighting
Company in the United States and other countries.
www.philipslumileds.com
www.philipslumileds.cn.com
Philips Lumileds Lighting Company shall not be liable for any kind of loss of data or any other damages, direct, indirect or consequential, resulting from the use of the provided information and data. Although
Philips Lumileds Lighting Company has attempted to provide the most accurate information and data, the materials and services information and data are provided “as is” and Philips Lumileds Lighting Company
neither warranties, nor guarantees the contents and correctness of the provided information and data. Philips Lumileds Lighting Company reserves the right to make changes without notice.
You as user agree to this disclaimer and user agreement with the download or use of the provided materials, information and data.


Similar Part No. - LHC1-3080-1205

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LHC1-3080-1205 LUMILEDS-LHC1-3080-1205 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
More results

Similar Description - LHC1-3080-1205

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS60R520T SEMIHOW-HCS60R520T Datasheet
201Kb / 7P
   Excellent stability and uniformity
logo
Taoglas antenna solutio...
MA131.A.LK-002 TAOGLAS-MA131.A.LK-002 Datasheet
2Mb / 23P
   Stable and High efficiency
logo
Sparkle Power Inc.
FSP060-DBAB1 SPI-FSP060-DBAB1 Datasheet
64Kb / 1P
   High efficiency and reliability
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
   High efficiency and reliability
logo
Taoglas antenna solutio...
MA131.A.LK.002 TAOGLAS-MA131.A.LK.002 Datasheet
2Mb / 23P
   Stable and High efficiency
logo
Sparkle Power Inc.
FSP084-DIBAN2 SPI-FSP084-DIBAN2 Datasheet
50Kb / 1P
   High efficiency and reliability
FSP120-ABBN2 SPI-FSP120-ABBN2 Datasheet
48Kb / 1P
   High efficiency and reliability
FSP150-ABAN2 SPI-FSP150-ABAN2 Datasheet
47Kb / 1P
   High efficiency and reliability
FSP350-60GHS SPI-FSP350-60GHS Datasheet
795Kb / 1P
   High efficiency and reliability
FSP200-50GSV-5K SPI-FSP200-50GSV-5K Datasheet
564Kb / 1P
   High efficiency and reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com