Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH34S-22S-0.5SH50 Datasheet(PDF) 9 Page - Hirose Electric

Part # FH34S-22S-0.5SH50
Description  0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH34S-22S-0.5SH50 Datasheet(HTML) 9 Page - Hirose Electric

Back Button FH34S-22S-0.5SH50 Datasheet HTML 4Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 5Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 6Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 7Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 8Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 9Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 10Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 11Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FH34(S)Seriesq0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
sOperation and Precautions
Exercise care when handling connectors. Follow recommendations given below.
1. As delivered
Delivered with the actuator
open. There is no need to
operate the actuator prior to
inserting the FPC/FFC.
Operation
2. FPC/FFC insertion (The top contact specification)
Insert the FPC/FFC with the
conductive surfaces facing
up.
Align the FPC/FFC straight
with the connector and insert
it firmly all the way.
• Do not close the actuator without the FPC/FPC inserted.
Precautions
• The contacts are making connection with the FPC/FFC
pads from the top.
Do not insert the FPC/FFC with the pads facing down.
When inserting the FPC/FFC do not twist it. Insert
straight. Improper insertion may cause deformation of the
contacts and connection failures.
• Be sure to insert the FPC/FFC when the actuator is fully
open.
FPC/FFC contact
surfaces face up.
3. Locking
After FPC/FFC insertion, rotate the actuator down to a
full stop, pushing it at the center.
• Do not operate the actuator by only one end. Open or
close by pushing at the center.
• Do not try to rotate the actuator past the fully open 90°
position. This will damage the connector, preventing it
from use.
• Do not apply excessive force to the connector when the
actuator is closed.
Rotate
Push at the center of the actuator.
4. FPC/FFC removal (Lock release)
Carefully rotate the actuator up to 90°, lifting it at the
center.
• Do not operate the actuator from one end only.
• The actuator opens only 90°. Do not attempt to open it
past this angle or grasp it.
• During the opening of the actuator do not press it toward
the connector body. Rotate up at the center.
Raise
Lift at the center


Similar Part No. - FH34S-22S-0.5SH50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH34S-22S-0.5SH HIROSE-FH34S-22S-0.5SH Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH34S-22S-0.5SH50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S HIROSE-FH34S Datasheet
368Kb / 8P
   0.5 mm Pitch, 1.0 mm above the board Top and Top/Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH39-25S-0.3SHW HIROSE-FH39-25S-0.3SHW Datasheet
384Kb / 11P
   0.3 mm Pitch, 1.2 mm above the board, Top and bottom Contact, Back-Flip actuator
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com