Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH34S-22S-0.5SH50 Datasheet(PDF) 6 Page - Hirose Electric

Part # FH34S-22S-0.5SH50
Description  0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH34S-22S-0.5SH50 Datasheet(HTML) 6 Page - Hirose Electric

Back Button FH34S-22S-0.5SH50 Datasheet HTML 2Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 3Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 4Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 5Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 6Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 7Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 8Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 9Page - Hirose Electric FH34S-22S-0.5SH50 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FH34(S)Seriesq0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
6
Flat surface,
for placement with
automatic equipment
8±0.1
2±0.15
4±0.1
Unreeling direction
(0.3)
(2.25)
(3.2)
(4)
(1.95)
(1.95)
(2.25)
(0.3)
Flat surface, for placement
with automatic equipment
Unreeling direction
1.5
+0.1
0
End section
Mounting section
Embossed carrier tape
Lead section (400mm min.)
Top cover tape
No connector inserted
(10 pockets min.)
No connector inserted
(10 pockets min.)
sPackaging Specification
q Embossed Carrier Tape Dimensions
(Tape width 24mm max.)
(Q: INSIDE)
(R: OUTSIDE)
q Reel Dimensions
q Embossed Carrier Tape Dimensions
(Tape width of 32mm min.)


Similar Part No. - FH34S-22S-0.5SH50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH34S-22S-0.5SH HIROSE-FH34S-22S-0.5SH Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH34S-22S-0.5SH50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S HIROSE-FH34S Datasheet
368Kb / 8P
   0.5 mm Pitch, 1.0 mm above the board Top and Top/Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH39-25S-0.3SHW HIROSE-FH39-25S-0.3SHW Datasheet
384Kb / 11P
   0.3 mm Pitch, 1.2 mm above the board, Top and bottom Contact, Back-Flip actuator
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com