Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX11LA-80S-8-SV71 Datasheet(PDF) 4 Page - Hirose Electric

Part No. FX11LA-80S-8-SV71
Description  0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

FX11LA-80S-8-SV71 Datasheet(HTML) 4 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FX11 Seriesq0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
sProduct Specifications
Stacking height : 2mm
Note 1: The term storage refers to an unused products prior to board mounting (including packing materials) that is being kept for a long period.
The operating temperature and humidity range are applied to the non-conducting condition following board assembly.
Note 2: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for
a specific part number shown.
sMaterials
Series name : FX11L
Form Symbol
A : With guide post
B : Without guide post
Number of contacts
Signal/Ground:60/6, 80/8,
100/10, 120/12
Signal: 68, 92, 116, 140
Type without ground
Type with ground plate
Connector type
P : Header
S : Receptacle
Contact form
SV : Straight SMT
Blank, (71): Tray packaging (Without pick-and-place tape)
(21),(91): Embossed tape packaging (Without pick-and-place tape)
(22),(92): Embossed tape packaging (With pick-and-place tape)
1
4
5
6
2
3
Rating
Rated current
Rated voltage
0.3 A (Note 1)
50 V AC
Operating temperature range
Operating humidity range
-55 to 85ç
Relative humidity 95% or less
(No condensation)
Storage temperature range
Storage humidity range
-10 to +60ç (Note 2)
-40 to -70% (Note 2)
Part
Insulator
Contacts
Ground plate
Metal fitting
Metal plate
Material
LCP
Copper alloy
Phosphor bronze
Phosphor bronze
Phosphor bronze
Finish
Beige
Header
Engagement Area: Gold plating of 0.1µm
Termination Area: Flash plating
Receptacle
Tin plating
Tin plating
Remarks
UL94V-0
----------
----------
----------
----------
Measured at 100 V DC
150 V AC applied for one minute
Measured at 100 mA
Frequency: 10 to 55 Hz, amplitude of 0.75 mm in 3 directions,
10 cycles each
Acceleration of 490 m/s2, 11ms duration, sine half-wave
waveform,for 3 cycles in the both directions of each of the 3 axes
Temperature of 40ç, humidity of 90 to 95%, duration 96 h
Temperature: -55ç ¡ 15 to 35ç ¡ 85ç ¡ 15 to 35ç
Time: 30 min. ¡ 2 to 3 min. ¡ 30 min. ¡ 2 to 3 min. for 5 cycles
50 times
Reflow: At the recommended temperature profile
Soldering iron temperature: 360ç for 5 seconds
100 Mø or greater
No flashover or breakdown
60 mø or less
No electrical discontinuity for 1µs or greater
No damage, cracks, or parts looseness
No electrical discontinuity for 1µs or longer
No damage, cracks, or parts looseness
Contact resistance of 70 mø or less, insulation resistance of
100 Mø or greater, no damage, cracks, or parts looseness
Contact resistance of 70 mø or less, insulation resistance of
100 Mø or greater, no damage, cracks, or parts looseness
Contact resistance of 70 mø or less
No damage, cracks, or parts looseness
No melting of resin portion which affects performance
1. Insulation resistance
2. Voltage proof
3. Contact resistance
Item
Requirements
Conditions
4. Vibration
5. Shock
6. Damp heat
(Steady state)
8. Durability
9. Resistance to
soldering heat
7. Temperature cycle
FX11L
#
# - π
π P - / π
π - SV (✽ ✽)
1
6
4
2
5
FX11L
#
# - π
π P - SV (✽ ✽)
1
6
4
2
3
5
Type With Ground Plate
Type Without Ground Plate
sOrdering information
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn