Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX11LA-80S-8-SV71 Datasheet(PDF) 2 Page - Hirose Electric

Part No. FX11LA-80S-8-SV71
Description  0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

FX11LA-80S-8-SV71 Datasheet(HTML) 2 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FX11 Seriesq0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
Note 1: The thickness of the solder paste is not included in the stacking height.
Note 2: 2mm type and 2.5mm, 3mm type, with ground plate type and without ground type are not mated with each other.
Header
Receptacle
FX11L#-πP / π-SV
2mm
FX11L#-πS / π-SV
B
Stacking height variation
B
Cross section of mating
Header
Receptacle
Header
Receptacle
Header
Receptacle
FX11#-πP / π-SV
2.5mm
FX11#-πS / π-SV
FX11#-πP / π-SV0.5
3mm
FX11L#-πS-SV
FX11L#-πP-SV
2mm
FX11#-πS-SV
FX11#-πP-SV
2.5mm
FX11#-πP-SV0.5
3mm
q Without ground plate
q With ground plate
q Stacking height : 2mm
q Stacking height : 2.5mm, 3mm
Ground portion
Signal portion
Receptacle
Header
Signal portion
Ground portion
Header
Receptacle
(Shown for stacking height 2.5mm type.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn