Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX11LA-80S-8-SV71 Datasheet(PDF) 16 Page - Hirose Electric

Part No. FX11LA-80S-8-SV71
Description  0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

FX11LA-80S-8-SV71 Datasheet(HTML) 16 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
FX11 Seriesq0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
20.2
26.2
20.2
26.2
20.2
40.4
52.4
40.4
52.4
40.4
44
56
44
56
44
45.5
59
45.5
59
45.5
50.5
64
50.5
64
50.5
1.98
2.48
2.98
26.2
20.2
20.2
26.2
20.2
52.4
40.4
40.4
52.4
40.4
56
44
44
56
44
59
45.5
45.5
59
45.5
64
50.5
50.5
64
50.5
A
B
C
D
E
F
Unit : mm
Insertion Connector
FX11L#- 60P/ 6 -SV
FX11L#- 80P/ 8 -SV
FX11L#-100P/10-SV
FX11L#-120P/12-SV
FX11L#- 68P
-SV
FX11L#- 92P
-SV
FX11L#-116P
-SV
FX11L#-140P
-SV
FX11 #- 60P/ 6 -SV
FX11 #- 80P/ 8 -SV
FX11 #-100P/10-SV
FX11 #- 80P
-SV
FX11 #-100P
-SV
FX11 #- 60P/ 6 -SV0.5
FX11 #- 80P/ 8 -SV0.5
FX11 #-100P/10-SV0.5
FX11 #- 80P
-SV0.5
FX11 #-100P
-SV0.5
B
Embossed Carrier Tape Dimensions
Note 1: There is no polarity in terms of embossed tape packaging for
this product.
Note 2: Left figure is representative of products with ground plates.
20.2
26.2
20.2
26.2
20.2
40.4
52.4
40.4
52.4
40.4
44
56
44
56
44
45.5
59
45.5
59
45.5
50.5
64
50.5
64
50.5
2
2.45
26.2
20.2
52.4
40.4
56
44
59
45.5
64
50.5
A
B
C
D
E
F
Unit : mm
Insertion Connector
FX11L#- 60S/ 6 -SV
FX11L#- 80S/ 8 -SV
FX11L#-100S/10-SV
FX11L#-120S/12-SV
FX11L#- 68S
-SV
FX11L#- 92S
-SV
FX11L#-116S
-SV
FX11L#-140S
-SV
FX11 #- 60S/ 6 -SV
FX11 #- 80S/ 8 -SV
FX11 #-100S/10-SV
FX11 #- 80S
-SV
FX11 #-100S
-SV
Note 1: There is no polarity in terms of embossed tape packaging for
this product.
Note 2: Left figure is representative of products with ground plates.
qHeader
Unreeling direction
Ø1.5
+0.1
0
±0.1
2 ±0.1
12±0.1
( 0.4)
( F)( 0.9 )
R0.75
+0.05
0
4
qReceptacle
Unreeling direction
Ø1.5
+0.1
0
4 ±0.1
2 ±0.1
12±0.1
( 0.9)
(F)
( 0.4)
R0.75
+0.05
0
qReel Dimensions
Ø13±0.5
(D)
(E)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn