Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX11LA-80S-8-SV71 Datasheet(PDF) 15 Page - Hirose Electric

Part No. FX11LA-80S-8-SV71
Description  0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

FX11LA-80S-8-SV71 Datasheet(HTML) 15 Page - Hirose Electric

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
FX11 Seriesq0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
sReceptacle without ground plate
B
Recommended Land Pattern Dimensions (Metal Mask Dimensions)
A±0.2
B±0.3
0.2 ±0.05
C±0.1
( 0.5 )
2-( Ø0.8 )
Guidepost
C±0.05
1.65±0.05
A ±0.05
E
0
-0.1
D
+0.1
0
Ø1±0.05
0.5±0.03
0.3±0.03 (Land)
0.25±0.03(Metal mask)
Ø0.9 ±0.05
2
2
Recommended metal mask thickness: 0.15 mm
Note
The cross-hatched area
inside the SMT land may come into contact with the connector contacts
and thus care should be taken that the pattern does not extend beyond the SMT land width.
Not required in products without guideposts.
1
2
Note 1: There is no polarity in terms of board mounting for this product.
Note 2: The coplanarity of this product's SMT leads is 0.1 mm or less.
Note 3: Please order embossed tape packaged items by the reel. (One reel holds 1,000 pieces.)
[Specifications number] – **, (**)
Blank: Tray packaging (Without pick-and-place tape)
(21) : Embossed tape packaging (Without pick-and-place tape)
(22) : Embossed tape packaging (With pick-and-place tape)
CL No.
573-0748-0-**
573-0743-6-**
573-0758-3-**
573-0753-0-**
Part Number
FX11A- 80S-SV(**)
FX11A-100S-SV(**)
FX11B- 80S-SV(**)
FX11B-100S-SV(**)
Number of contacts
Signal
80
100
80
100
A
19.5
24.5
19.5
24.5
27
32
27
32
22.8
27.8
----------
----------
27.4
32.4
27.4
32.4
24.2
29.2
24.2
29.2
B
C
D
E
Remarks
RoHS
With guideposts
Without guideposts
YES
Unit : mm
q 2.5mm, 3mm stacking height


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn