Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX11LA-80S-8-SV71 Datasheet(PDF) 12 Page - Hirose Electric

Part # FX11LA-80S-8-SV71
Description  0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX11LA-80S-8-SV71 Datasheet(HTML) 12 Page - Hirose Electric

Back Button FX11LA-80S-8-SV71 Datasheet HTML 8Page - Hirose Electric FX11LA-80S-8-SV71 Datasheet HTML 9Page - Hirose Electric FX11LA-80S-8-SV71 Datasheet HTML 10Page - Hirose Electric FX11LA-80S-8-SV71 Datasheet HTML 11Page - Hirose Electric FX11LA-80S-8-SV71 Datasheet HTML 12Page - Hirose Electric FX11LA-80S-8-SV71 Datasheet HTML 13Page - Hirose Electric FX11LA-80S-8-SV71 Datasheet HTML 14Page - Hirose Electric FX11LA-80S-8-SV71 Datasheet HTML 15Page - Hirose Electric FX11LA-80S-8-SV71 Datasheet HTML 16Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
FX11 Seriesq0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
sReceptacle with ground plate
Note 1: There is no polarity in terms of board mounting for this product.
Note 2: The coplanarity of this product's SMT leads is 0.1 mm or less.
Note 3: Please order embossed tape packaged items by the reel. (One reel holds 1,000 pieces.)
[Specifications number] – **, (**)
(71): Tray packaging (Without pick-and-place tape)
(91) : Embossed tape packaging (Without pick-and-place tape)
(92) : Embossed tape packaging (With pick-and-place tape)
B
Recommended Land Pattern Dimensions (Metal Mask Dimensions)
(6)
A±0.2
C±0.3
D±0.1
2-(Ø0.8)
B±0.2
Guidepost
(0.5)
0.5±0.05
0.2±0.05
(0.75)
(0.75)
E
+0.1
0
F
0
-0.1
D±0.05
A±0.05
B±0.05
6±0.05
0.75±0.03
0.75±0.03
Ø1±0.05
Ø0.9±0.05
0.5±0.03
4.4±0.05
0.3±0.03(Land)
0.7±0.03(Land)
0.6±0.03(Metal mask)
0.25±0.03(Metal mask)
1.65±0.05
4
4
2
Recommended metal mask thickness: 0.15 mm
CL No.
573-0702-9-71
573-0703-1-71
573-0704-4-71
573-0712-2-71
573-0713-5-71
573-0714-8-71
Part Number
FX11A- 60S/ 6-SV(71)
FX11A- 80S/ 8-SV(71)
FX11A-100S/10-SV(71)
FX11B- 60S/ 6-SV(71)
FX11B- 80S/ 8-SV(71)
FX11B-100S/10-SV(71)
Number of contacts
Signal
Ground
60
80
100
60
80
100
6
8
10
6
8
10
A
17.5
23.5
29.5
17.5
23.5
29.5
12
18
24
12
18
24
25
31
37
25
31
37
20.8
26.8
32.8
----------
----------
----------
25.4
31.4
37.4
25.4
31.4
37.4
22.2
28.2
34.2
22.2
28.2
34.2
B
C
D
E
F
Remarks
RoHS
With guideposts
Without guideposts
YES
Unit : mm
q 2.5mm, 3mm stacking height
Note
Cross-hatched portions, totaling n places, indicate the ground circuits.
Cross-hatched portions, totaling 2 places, indicate the metal fittings.
The cross-hatched area
inside the SMT land may come into contact with the connector contacts
and thus care should be taken that the pattern does not extend beyond the SMT land width.
Not required in products without guideposts.
1
2
3
4


Similar Part No. - FX11LA-80S-8-SV71

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX11LA-80S10-SV21 HIROSE-FX11LA-80S10-SV21 Datasheet
545Kb / 8P
   0.5mm Pitch Connectors with Ground Plate for 2mm Board-to-Board Connections
FX11LA-80S10-SV22 HIROSE-FX11LA-80S10-SV22 Datasheet
545Kb / 8P
   0.5mm Pitch Connectors with Ground Plate for 2mm Board-to-Board Connections
FX11LA-80S12-SV21 HIROSE-FX11LA-80S12-SV21 Datasheet
545Kb / 8P
   0.5mm Pitch Connectors with Ground Plate for 2mm Board-to-Board Connections
FX11LA-80S12-SV22 HIROSE-FX11LA-80S12-SV22 Datasheet
545Kb / 8P
   0.5mm Pitch Connectors with Ground Plate for 2mm Board-to-Board Connections
FX11LA-80S6-SV21 HIROSE-FX11LA-80S6-SV21 Datasheet
545Kb / 8P
   0.5mm Pitch Connectors with Ground Plate for 2mm Board-to-Board Connections
More results

Similar Description - FX11LA-80S-8-SV71

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CL573-0002-7 HIROSE-CL573-0002-7 Datasheet
545Kb / 8P
   0.5mm Pitch Connectors with Ground Plate for 2mm Board-to-Board Connections
CL570-0201-4 HIROSE-CL570-0201-4 Datasheet
419Kb / 7P
   0.5mm Pitch Connectors with Ground Plate for Board-to-Board Connections
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
   0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com