Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX11LA-80S-8-SV71 Datasheet(PDF) 1 Page - Hirose Electric

Part No. FX11LA-80S-8-SV71
Description  0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

FX11LA-80S-8-SV71 Datasheet(HTML) 1 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2013.1
1
Housing
Metal fitting
Signal contact
0.75mm
0.75m
m
0.5mm
Ground Plate
Ground plate and metal fitting make contact
2.5 , 3
mm
2mm
sFeatures
1. Low Profile Design
The board to board mating height of 2mm, 2.5mm and 3mm suits
smaller, thinner case designs.
2. Improved Transmission Efficiency Between Boards
Transmission characteristics have been improved through
a design that fixes ground plates to both sides of the
header and receptacle.
3. 10 Signal:1 Ground Arrangement
Signal and ground are arranged in a ratio of 10:1 with the
ground plate SMT connected to the board. The ground
stability achieved serves to reduce noise.
4. Metal Fittings for Added Solder Weld Strength
Metal fittings provide greater adhesion to the board,
protecting against peeling.The unique connector design
provides a connection between the fitting and the ground
plate for a stronger ground.
5. Suited to High-Density Applications
The signal contact pitch of 0.5mm produces a smaller
connector utilizing less board area for mounting.
6. Structure Prevents Solder Wicking
A solder gap has been designed into the contact SMT
portion to prevent solder wicking.
7. High contact reliability
Effective mating length is 0.55mm (2mm height),
1mm(2.5mm, 3mm height) for signal contacts.
8. Optional Ground Plate
An alternate style without the ground plate is available.The
space provided by the ground plate removal has been filled
with additional signal contacts.
sApplications
Notebook computers, PDA, and other miniature electronic equipment.
Solder gap portion
Board mounting portion
Contact
surface
Land
Structure Prevent solder vicking
10 Signal: 1 Ground Arrangement
Stacking height variation
Stacking height : 2mm
Stacking height : 2.5mm, 3mm
Note: 2.0mm type and 2.5mm, 3mm type are not mated with each other.
0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
FX11 Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn