Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH33-12S-0.5SH Datasheet(PDF) 5 Page - Hirose Electric

Part # FH33-12S-0.5SH
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33-12S-0.5SH Datasheet(HTML) 5 Page - Hirose Electric

  FH33-12S-0.5SH Datasheet HTML 1Page - Hirose Electric FH33-12S-0.5SH Datasheet HTML 2Page - Hirose Electric FH33-12S-0.5SH Datasheet HTML 3Page - Hirose Electric FH33-12S-0.5SH Datasheet HTML 4Page - Hirose Electric FH33-12S-0.5SH Datasheet HTML 5Page - Hirose Electric FH33-12S-0.5SH Datasheet HTML 6Page - Hirose Electric FH33-12S-0.5SH Datasheet HTML 7Page - Hirose Electric FH33-12S-0.5SH Datasheet HTML 8Page - Hirose Electric FH33-12S-0.5SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FH33 Seriesq0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
B
0.25±0.05(Metal mask)
0.1 H
H
(A)
J±0.1
K±0.1
(0.2)
(0.2)
∞Number of contacts 0.3±0.05(Land)
T
*
Recommended metal mask thickness = 0.1mm
<over 31 pos.>0.3±0.03
<under 30 pos.>0.3±0.05
T±0.07
0.3±0.03(FFC)
0.27±0.03(0.4mm pitch)
B±0.03
T±0.03
L±0.05
0.35±0.03(FPC)
sRecommended PCB mounting pattern and metal mask dimensions
sRecommended FPC dimensions
Note 1: If the stiffener is less than 3.3 mm, E dimension must be 0.5 mm min.
Unit: mm
Part Number
FH33-6S-0.5SH (**)
FH33-9S-0.5SH (**)
FH33-10S-0.5SH (**)
FH33-12S-0.5SH (**)
FH33-14S-0.5SH (**)
FH33-19S-0.5SH (**)
FH33-20S-0.5SH (**)
FH33-26S-0.5SH (**)
FH33-28S-0.5SH (**)
FH33-30S-0.5SH (**)
FH33-32S-0.5SH (**)
FH33-36S-0.5SH (**)
FH33-40S-0.5SH (**)
FH33-45S-0.5SH (**)
FH33M-16S-0.4SH (**)
FH33J-4S-0.5SH (**)
FH33J-10S-0.5SH (**)
FH33J-12S-0.5SH (**)
FH33J-16S-0.5SH (**)
FH33J-18S-0.5SH (**)
FH33J-19S-0.5SH (**)
FH33J-40S-0.5SH (**)
FH33MHJ-65S-0.4SH (**)
580-1301-1-**
580-1303-7-**
580-1304-0-**
580-1302-4-**
580-1305-2-**
580-1307-8-**
580-1317-1-**
580-1306-5-**
580-1300-9-**
580-1312-8-**
580-1310-2-**
580-1311-5-**
580-1308-0-**
580-1316-9-**
580-1319-7-**
580-1329-0-**
580-1324-7-**
580-1328-8-**
580-1331-2-**
580-1334-0-**
580-1332-5-**
580-1330-0-**
580-1325-0-**
6
9
10
12
14
19
20
26
28
30
32
36
40
45
16
4
10
12
16
18
19
40
65
5
6.5
7
8
9
11.5
12
15
16
17
18
20
22
24.5
8.3
4
7
8
10
11
11.5
22
27.9
2.5
4
4.5
5.5
6.5
9
9.5
12.5
13.5
14.5
15.5
17.5
19.5
22
6
1.5
4.5
5.5
7.5
8.5
9
19.5
25.6
3.8
5.3
5.8
6.8
7.8
10.3
10.8
13.8
14.8
15.8
16.8
18.8
20.8
23.3
7.1
2.8
5.8
6.8
8.8
9.8
10.3
20.8
26.7
4.9
6.4
6.9
7.9
8.9
11.4
11.9
14.9
15.9
16.9
17.9
19.9
21.9
24.4
8.2
3.9
6.9
7.9
9.9
10.9
11.4
21.9
27.8
3.5
5
5.5
6.5
7.5
10
10.5
13.5
14.5
15.5
16.5
18.5
20.5
23
6.8
2.5
5.5
6.5
8.5
9.5
10
20.5
26.4
CL No.
Number of Contacts
A
B
J
K
L
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.4
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.4
T
q0.4mm pitch, 0.5mm pitch type
q0.4mm pitch, 0.5mm pitch type


Similar Part No. - FH33-12S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33-12S-0.5SH HIROSE-FH33-12S-0.5SH Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH33-12S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com