Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF37NB-40DS-0.4V51 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF37NB-40DS-0.4V51
Description  0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF37NB-40DS-0.4V51 Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF37NB-40DS-0.4V51 Datasheet HTML 2Page - Hirose Electric DF37NB-40DS-0.4V51 Datasheet HTML 3Page - Hirose Electric DF37NB-40DS-0.4V51 Datasheet HTML 4Page - Hirose Electric DF37NB-40DS-0.4V51 Datasheet HTML 5Page - Hirose Electric DF37NB-40DS-0.4V51 Datasheet HTML 6Page - Hirose Electric DF37NB-40DS-0.4V51 Datasheet HTML 7Page - Hirose Electric DF37NB-40DS-0.4V51 Datasheet HTML 8Page - Hirose Electric DF37NB-40DS-0.4V51 Datasheet HTML 9Page - Hirose Electric DF37NB-40DS-0.4V51 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
DF37 Seriesq0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
8±0.1
2±0.1 4±0.1
E
F
F
F-F
Unreeling direction
E
0.3±0.1
1.23±0.15
E-E
sEmbossed Carrier Tape Dimensions
qReceptacle (less than 70 positions)
less than 70 positions
70 positions and above
F
E
E
F
F-F
Unreeling direction
8±0.1
2±0.1 4±0.1
0.3±0.1
1.23±0.15
E-E
qReceptacle (70 positions and more)
C±0.5
D±1
Part Number Label
Unreeling direction
qReel Dimensions
#: NB or NC, SB
Tape and reel packaging (8,000 pieces/reel).
Part Number
DF37#-10DS-0.4V(51)
DF37#-16DS-0.4V(51)
DF37#-20DS-0.4V(51)
DF37#-24DS-0.4V(51)
DF37#-30DS-0.4V(51)
DF37#-34DS-0.4V(51)
DF37#-40DS-0.4V(51)
DF37#-50DS-0.4V(51)
DF37#-60DS-0.4V(51)
DF37#-70DS-0.4V(51)
DF37#-74DS-0.4V(51)
A
7.5
7.5
7.5
7.5
11.5
11.5
11.5
11.5
11.5
14.2
14.2
B
16
16
16
16
24
24
24
24
24
32
32
C
17.5
17.5
17.5
17.5
25.5
25.5
25.5
25.5
25.5
33.5
33.5
D
21.5
21.5
21.5
21.5
29.5
29.5
29.5
29.5
29.5
37.5
37.5
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF37NB-40DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37NB-40DS-0.4V51 HIROSE-DF37NB-40DS-0.4V51 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results

Similar Description - DF37NB-40DS-0.4V51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com