Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75333P3 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HUFA75333P3
Description  66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75333P3 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HUFA75333P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75333G3, HUFA75333P3, HUFA75333S3S Rev. B
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
1.0
1.5
2.0
2.5
-40
0
40
80
120
160
200
0.5
-80
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
VGS = 10V, ID = 66A
DUTY CYCLE = 0.5% MAX
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
1.0
1.1
1.2
-40
0
40
80
120
160
200
0.8
-80
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
500
1000
1500
2000
10
20
30
40
50
60
0
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
2
4
6
8
10
10
20
30
40
0
0
ID = 66A
ID = 50A
ID = 33A
ID = 16A
WAVEFORMS IN
DESCENDING ORDER:
VDD = 30V
Qg, GATE CHARGE (nC)
HUFA75333G3, HUFA75333P3, HUFA75333S3S


Similar Part No. - HUFA75333P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332P3 FAIRCHILD-HUFA75332P3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332S3S FAIRCHILD-HUFA75332S3S Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75337P3 FAIRCHILD-HUFA75337P3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUFA75333P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75333G3 FAIRCHILD-HUF75333G3 Datasheet
325Kb / 10P
   66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75333G3 INTERSIL-HUF75333G3 Datasheet
108Kb / 9P
   66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75307P3 FAIRCHILD-HUFA75307P3 Datasheet
217Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com