Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75333P3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HUFA75333P3
Description  66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75333P3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HUFA75333P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75333P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75333G3, HUFA75333P3, HUFA75333S3S Rev. B
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
Typical Performance Curves (Continued)
100
1000
10-4
10-3
10-2
10-1
100
101
50
10-5
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
10
100
10
100
1
1
500
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
100
µs
10ms
1ms
VDSS(MAX) = 55V
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
100
0.01
0.1
1
10
0.001
500
10
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
30
60
90
120
150
1.5
3.0
4.5
6.0
7.5
0
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
PULSE DURATION = 80
µs
TC = 25
oC
VGS = 5V
VGS = 10V
VGS = 20V
VGS = 7V
DUTY CYCLE = 0.5% MAX
30
60
90
120
150
1.5
3.0
4.5
6.0
7.5
0
0
VGS, GATE TO SOURCE VOLTAGE (V)
175oC
-55oC
25oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
HUFA75333G3, HUFA75333P3, HUFA75333S3S


Similar Part No. - HUFA75333P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332P3 FAIRCHILD-HUFA75332P3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332S3S FAIRCHILD-HUFA75332S3S Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75337P3 FAIRCHILD-HUFA75337P3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUFA75333P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75333G3 FAIRCHILD-HUF75333G3 Datasheet
325Kb / 10P
   66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75333G3 INTERSIL-HUF75333G3 Datasheet
108Kb / 9P
   66A, 55V, 0.016 Ohm. N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75307P3 FAIRCHILD-HUFA75307P3 Datasheet
217Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com