Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF14-2P-1.25H55 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF14-2P-1.25H55
Description  1.25mm Pitch Super Low profile Crimping Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14-2P-1.25H55 Datasheet(HTML) 5 Page - Hirose Electric

  DF14-2P-1.25H55 Datasheet HTML 1Page - Hirose Electric DF14-2P-1.25H55 Datasheet HTML 2Page - Hirose Electric DF14-2P-1.25H55 Datasheet HTML 3Page - Hirose Electric DF14-2P-1.25H55 Datasheet HTML 4Page - Hirose Electric DF14-2P-1.25H55 Datasheet HTML 5Page - Hirose Electric DF14-2P-1.25H55 Datasheet HTML 6Page - Hirose Electric DF14-2P-1.25H55 Datasheet HTML 7Page - Hirose Electric DF14-2P-1.25H55 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B238
DF14 Seriesq1.25mm Pitch Super Low profile Crimping Connector
Note 1.Please order the embossed tape packaging product according to reel number. (1000 pcs./reel)
[Specific No.]–**,(**)
(56): Gold plated embossed tape packaging
BPCB mounting pattern
sRight Angle Pin Header (Offset, SMT)
B
C
P=1.25
A
0.3
Contact No. 1
P=1.25±0.05
A±0.05
D
+0.2
0
(0.5)
1.3
+0.2
0
0.7±0.05
Unit: mm
Part Number
CL No.
DF14H-02P-1.25H(**)
DF14H-20P-1.25H(**)
DF14H-30P-1.25H(**)
538-0177-3-**
538-0167-0-**
538-0188-0-**
2
30
30
1.25
23.75
36.25
Number of Contacts
A
6.8
29.3
41.8
B
10.1
32.6
45.1
7.2
29.7
42.2
Yes
C
D
RoHS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF14-2P-1.25H55

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF14-2P-1.25H HIROSE-DF14-2P-1.25H Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2P-1.25H HIROSE-DF14-2P-1.25H Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 14 DF14-2P-1.25H(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com