Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK0380F Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STK0380F
Description  SWITCHING REGULATOR APPLICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STK0380F Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STK0380F Datasheet HTML 1Page - KODENSHI_AUK CORP. STK0380F Datasheet HTML 2Page - KODENSHI_AUK CORP. STK0380F Datasheet HTML 3Page - KODENSHI_AUK CORP. STK0380F Datasheet HTML 4Page - KODENSHI_AUK CORP. STK0380F Datasheet HTML 5Page - KODENSHI_AUK CORP. STK0380F Datasheet HTML 6Page - KODENSHI_AUK CORP. STK0380F Datasheet HTML 7Page - KODENSHI_AUK CORP. STK0380F Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. date: 28-MAR-13
KSD-T0O024-002
www.auk.co.kr
2 of 8
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
Thermal resistance, junction to case
Rth(j-c)
Max. 4.16
C/W
Thermal resistance, junction to ambient
Rth(j-a)
Max. 62.5
Electrical Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250uA, VGS=0
800
-
-
V
Gate threshold voltage
VGS(th)
ID=250uA, VDS=VGS
3
-
5
V
Drain-source cut-off current
IDSS
VDS=800V, VGS=0V
-
-
1
uA
Gate leakage current
IGSS
VDS=0V, VGS=30V
-
-
100
nA
Drain-source on-resistance
(Note 3)
RDS(ON)
VGS=10V, ID=1.5A
-
3.5
4.5
Forward transfer conductance
(Note 3)
gfs
VDS=50V, ID=1.5A
-
2.5
-
S
Input capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHz
-
706
917
pF
Output capacitance
Coss
-
54
70
Reverse transfer capacitance
Crss
-
3.9
7.2
Turn-on delay time
(Note 3,4)
td(on)
VDD=400V, ID=3A
RG=25Ω
-
16
42
ns
Rise time
(Note 3,4)
tr
-
44
98
Turn-off delay time
(Note 3,4)
td(off)
-
22
56
Fall time
(Note 3,4)
tf
-
32
76
Total gate charge
(Note 3,4)
Qg
VDS=640V, VGS=10V
ID=3A
-
14.2
-
nC
Gate-source charge
(Note 3,4)
Qgs
-
3.4
-
Gate-drain charge
(Note 3,4)
Qgd
-
5.4
-
Source-Drain Diode Ratings and Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Source current (DC)
IS
Integral reverse diode
in the MOSFET
-
-
3
A
Source current (Pulsed)
ISM
-
-
12
A
Forward voltage
VSD
VGS=0V, IS=3A
-
-
1.4
V
Reverse recovery time
(Note 3,4)
trr
IS=3A, VGS=0V
dIF/dt=100A/us
-
520
-
ns
Reverse recovery charge
(Note 3,4)
Qrr
-
3.2
-
uC
Note:
1. Repeated rating: Pulse width limited by safe operating area
2. L=69.7mH, IAS=3A, VDD=50V, RG=25, Starting TJ=25C
3. Pulse test: Pulse width
≤300us, Duty cycle≤2%
4. Essentially independent of operating temperature typical characteristics
STK0380F


Similar Part No. - STK0380F

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STK0380F VBSEMI-STK0380F Datasheet
2Mb / 9P
   Power MOSFET
More results

Similar Description - STK0380F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN03T80IS KODENSHI-SMN03T80IS Datasheet
391Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0825FZ KODENSHI-SMK0825FZ Datasheet
324Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0990CI KODENSHI-SMK0990CI Datasheet
263Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK70D06J1 TOSHIBA-TK70D06J1_09 Datasheet
224Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK1360FD KODENSHI-SMK1360FD Datasheet
347Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
First Silicon Co., Ltd
MJE13003A FS-MJE13003A Datasheet
191Kb / 2P
   SWITCHING REGULATOR APPLICATION.
MJE13003I FS-MJE13003I Datasheet
211Kb / 2P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK0460D KODENSHI-SMK0460D Datasheet
334Kb / 8P
   SWITCHING REGULATOR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com