Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF12C-30DS-0.5V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF12C-30DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF12C-30DS-0.5V Datasheet(HTML) 2 Page - Hirose Electric

  DF12C-30DS-0.5V Datasheet HTML 1Page - Hirose Electric DF12C-30DS-0.5V Datasheet HTML 2Page - Hirose Electric DF12C-30DS-0.5V Datasheet HTML 3Page - Hirose Electric DF12C-30DS-0.5V Datasheet HTML 4Page - Hirose Electric DF12C-30DS-0.5V Datasheet HTML 5Page - Hirose Electric DF12C-30DS-0.5V Datasheet HTML 6Page - Hirose Electric DF12C-30DS-0.5V Datasheet HTML 7Page - Hirose Electric DF12C-30DS-0.5V Datasheet HTML 8Page - Hirose Electric DF12C-30DS-0.5V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
A194
DF12 Seriesq0.5mm Pitch SMT Board to Board Connector
sProduct Specifications
Rating
Current rating 0.3A
Operating Temperature Range
-45 to +125ç (Note 1) Storage Temperature Range
-10 to +60ç (Note 2)
Voltage rating 50V AC Operating Humidity Range
-40 to 80%
Storage Humidity Range
-40 to 70%
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for
a specific part number shown.
sOrdering Information
sMaterial
Product
Part
Material
Finish
Remarks
DF12
# (**) - * DP - 0.5 V (**)
q Series Name : DF12
w Type
e Stacking height
3.0
: 3.0mm
Blank
: 3.5 to 5.0mm
r Number of Contacts : 10, 14, 20, 30, 32, 36, 40, 50, 60 ,80
(The 32 contacts connector includes the
stacking height 3mm only.)
t Connector Type
DS : Double-row receptacle
y Contact Pitch : 0.5mm
u Contact Style
V: Straight SMT
i Packaging Type
(81) : Embossed tape packaging (A, C type)
(86) : Embossed tape packaging (Blank, B type)
Item
Specification
Condition
1. Insulation Resistance
500M ohms min.
100V DC
2. Withstanding voltage
No flashover or insulation breakdown.
150V AC/1 minute
3. Contact Resistance
50m ohms max.
100mA
4. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Contact resistance: 50m ohms max. Insulation resistance:500M ohms min
96 hours at temperature of 40±2ç and humidity of 90% to 95%
6. Temperature Cycle
Contact resistance: 50m ohms max. Insulation resistance:500M ohms min
(-65ç: 30 minutes 5 to 35ç: 10 minutes 125ç: 30 minutes 5 to 35ç: 10 minutes) 5 cycles
7. Durability (Mating/un-mating) Contact resistance: 50m ohms max.
50 cycles
8. Resistance to Soldering heat
No deformation of components affecting performance.
Receptacle/Header
Insulator
Polyamide
Beige
UL94-V0
Contact
Phosphor copper
Gold plated
–––––––
Fitting
Brass
Tin plated
–––––––
qReceptacle
Reflow: At the recommended temperature profile
Manual soldering: 350ç for 3 seconds
Fitting
Boss
Blank
KK
A
K
B
K
C∞
w Type
e Stacking height
t Connector Type
DP: Double-row pin header
(81) : Embossed tape packaging
(D,E type)
(86) : Embossed tape packaging
(Blank, B type)
qHeader
Fitting
Boss
Blank
KK
B
K
D
K
E∞
Indication Stacking Height
3.0
3.0mm
3.5
3.5mm
4.0
4.0mm
5.0
5.0mm
qe
wr
u
i
ty
DF12
# (**) - * DS - 0.5 V (**)
qe
wr
u
i
ty
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF12C-30DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12C-30DS-0.5V HIROSE-DF12C-30DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12C-30DS-0.5V ETC-DF12C-30DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12C-30DS-0.5V(81) HIROSE-DF12C-30DS-0.5V(81) Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF12C-30DS-0.5V(81) HIROSE-DF12C-30DS-0.5V(81) Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12C-30DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com