Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF12A-30DS-0.5V Datasheet(PDF) 4 Page - Hirose Electric

Part # DF12A-30DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF12A-30DS-0.5V Datasheet(HTML) 4 Page - Hirose Electric

  DF12A-30DS-0.5V Datasheet HTML 1Page - Hirose Electric DF12A-30DS-0.5V Datasheet HTML 2Page - Hirose Electric DF12A-30DS-0.5V Datasheet HTML 3Page - Hirose Electric DF12A-30DS-0.5V Datasheet HTML 4Page - Hirose Electric DF12A-30DS-0.5V Datasheet HTML 5Page - Hirose Electric DF12A-30DS-0.5V Datasheet HTML 6Page - Hirose Electric DF12A-30DS-0.5V Datasheet HTML 7Page - Hirose Electric DF12A-30DS-0.5V Datasheet HTML 8Page - Hirose Electric DF12A-30DS-0.5V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
A196
DF12 Seriesq0.5mm Pitch SMT Board to Board Connector
sReceptacle With metal fitting
Note : Please order the embossed tape packaging product per reel. (1000 pcs./reel)
Unit: mm
qProduct Height: 3mm Product
YES
RoHS
YES
RoHS
Part Number
CL No.
Number of Contacts
A
B
C
D
E
F
Remarks
DF12-20DS-0.5V (86)
537-0003-6- 86
20
07.1
04.5
05.6
06.6
08.0
DF12-30DS-0.5V (86)
537-0005-1- 86
30
09.6
07.0
08.1
09.1
10.5
DF12-32DS-0.5V (86)
537-0012-7- 86
32
10.1
07.5
08.6
09.6
11.0
DF12-36DS-0.5V (86)
537-0006-4- 86
36
11.1
08.5
09.6
10.6
2.7
12.0
With metal fitting
DF12-40DS-0.5V (86)
537-0007-7- 86
40
12.1
09.5
10.6
11.6
13.0
With boss
DF12-50DS-0.5V (86)
537-0009-2- 86
50
14.6
12.0
13.1
14.1
15.5
DF12-60DS-0.5V (86)
537-0011-4- 86
60
17.1
14.5
15.6
16.6
18.0
DF12B-20DS-0.5V (86)
537-0303-0- 86
20
07.1
04.5
05.6
––––
08.0
DF12B-30DS-0.5V (86)
537-0305-5- 86
30
09.6
07.0
08.1
––––
10.5
DF12B-32DS-0.5V (86)
537-0312-0- 86
32
10.1
7.5
8.6
09.6
11.0
DF12B-36DS-0.5V (86)
537-0306-8- 86
36
11.1
08.5
09.6
––––
2.7
12.0
With metal fitting
DF12B-40DS-0.5V (86)
537-0307-0- 86
40
12.1
09.5
10.6
––––
13.0
Without boss
DF12B-50DS-0.5V (86)
537-0309-6- 86
50
14.6
12.0
13.1
––––
15.5
DF12B-60DS-0.5V (86)
537-0311-8- 86
60
17.1
14.5
15.6
––––
18.0
Part Number
CL No.
Number of Contacts
A
B
C
D
E
F
Remarks
DF12 (3.0)-10DS-0.5V (86)
537-0601-8-86
10
4.6
2.0
3.1
4.1
5.5
DF12 (3.0)-14DS-0.5V (86)
537-0914-3-86
14
5.6
3.0
4.1
5.1
6.5
DF12 (3.0)-20DS-0.5V (86)
537-0603-3-86
20
7.1
4.5
5.6
6.6
8.0
DF12 (3.0)-30DS-0.5V (86)
537-0605-9-86
30
9.6
7.0
8.1
9.1
10.5
DF12 (3.0)-32DS-0.5V (86)
537-0612-4-86
32
10.1
7.5
8.6
9.6
11.0
With metal fitting
DF12 (3.0)-36DS-0.5V (86)
537-0606-1-86
36
11.1
8.5
9.6
10.6
2.2
12.0
With boss
DF12 (3.0)-40DS-0.5V (86)
537-0607-4-86
40
12.1
9.5
10.6
11.6
13.0
DF12 (3.0)-50DS-0.5V (86)
537-0609-0-86
50
14.6
12.0
13.1
14.1
15.5
DF12 (3.0)-60DS-0.5V (86)
537-0611-1-86
60
17.1
14.5
15.6
16.6
18.0
DF12 (3.0)-80DS-0.5V (86)
537-0613-7-86
80
22.1
19.5
20.6
21.6
23.0
DF12B (3.0)-10DS-0.5V (86)
537-0651-6-86
10
4.6
2.0
3.1
4.1
5.5
DF12B (3.0)-14DS-0.5V (86)
537-0916-9-86
14
5.6
3.0
4.1
5.1
6.5
DF12B (3.0)-20DS-0.5V (86)
537-0653-1-86
20
7.1
4.5
5.6
––––
8.0
DF12B (3.0)-30DS-0.5V (86)
537-0655-7-86
30
9.6
7.0
8.1
––––
10.5
DF12B (3.0)-32DS-0.5V (86)
537-0662-2-86
32
10.1
7.5
8.6
––––
11.0
With metal fitting
DF12B (3.0)-36DS-0.5V (86)
537-0656-0-86
36
11.1
8.5
9.6
––––
2.2
12.0
Without boss
DF12B (3.0)-40DS-0.5V (86)
537-0657-2-86
40
12.1
9.5
10.6
––––
13.0
DF12B (3.0)-50DS-0.5V (86)
537-0659-8-86
50
14.6
12.0
13.1
––––
15.5
DF12B (3.0)-60DS-0.5V (86)
537-0661-0-86
60
17.1
14.5
15.6
c
18.0
DF12B (3.0)-80DS-0.5V (86)
537-0663-5-86
80
22.1
19.5
20.6
21.6
23.0
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF12A-30DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-30DS-0.5V HIROSE-DF12A-30DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12A-30DS-0.5V ETC-DF12A-30DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12A-30DS-0.5V(81) HIROSE-DF12A-30DS-0.5V(81) Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF12A-30DS-0.5V(81) HIROSE-DF12A-30DS-0.5V(81) Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12A-30DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com