Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF9-9S-1V Datasheet(PDF) 5 Page - Hirose Electric

Part # DF9-9S-1V
Description  1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF9-9S-1V Datasheet(HTML) 5 Page - Hirose Electric

  DF9-9S-1V Datasheet HTML 1Page - Hirose Electric DF9-9S-1V Datasheet HTML 2Page - Hirose Electric DF9-9S-1V Datasheet HTML 3Page - Hirose Electric DF9-9S-1V Datasheet HTML 4Page - Hirose Electric DF9-9S-1V Datasheet HTML 5Page - Hirose Electric DF9-9S-1V Datasheet HTML 6Page - Hirose Electric DF9-9S-1V Datasheet HTML 7Page - Hirose Electric DF9-9S-1V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RoHS
YES
YES
RoHS
A139
DF9 Seriesq1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
Part Number
CL No.
Unit: mm
DF9A-09P-1V (**)
DF9A-11P-1V (**)
DF9A-13P-1V (**)
DF9A-15P-1V (**)
DF9A-17P-1V (**)
DF9A-19P-1V (**)
DF9A-21P-1V (**)
DF9A-23P-1V (**)
DF9A-25P-1V (**)
DF9A-31P-1V (**)
DF9A-41P-1V (**)
DF9A-51P-1V (**)
540-0016-0-**
540-0017-3-**
540-0018-6-**
540-0019-9-**
540-0020-8-**
540-0021-0-**
540-0022-3-**
540-0023-6-**
540-0024-9-**
540-0025-1-**
540-0223-5-**
540-0026-4-**
09
11
13
15
17
19
21
23
25
31
41
51
08.3
09.3
10.3
11.3
12.3
13.3
14.3
15.3
16.3
19.3
24.3
29.3
03
04
05
06
07
08
09
10
11
14
19
24
04
05
06
07
08
09
10
11
12
15
20
25
07.1
08.1
09.1
10.1
11.1
12.1
13.1
14.1
15.1
18.1
23.1
28.1
_
_
_
_
_
_
_
_
_
_
_
_
K
K
K
K
K
K
K
_
K
K
K
_
_
_
K
K
K
_
K
_
K
K
_
K
Without metal
fitting
With boss
With pick and
place tape
Number of Contacts
A
B
C
D
E
Spec.
(22)
Spec.
(69)
Remarks
[Specific No.] _ **, (**)
(22) : Tin plated, embossed tape packaging
(69) : Gold plated, embossed tape packaging
[Specific No.] _ **, (**)
(32) : Tin plated, embossed tape packaging
(69) : Gold plated, embossed tape packaging
sHeader
With boss
Without metal fitting
sHeader
Without boss
With metal fitting
Note 1 : Please order the emboss packaging product per reel. (1000 pcs. per reel)
Note 2 : _ are not available. Regarding blank, please contact Hirose sales representative.
Part Number
CL No.
Unit: mm
DF9B-09P-1V (**)
DF9B-11P-1V (**)
DF9B-13P-1V (**)
DF9B-15P-1V (**)
DF9B-17P-1V (**)
DF9B-19P-1V (**)
DF9B-21P-1V (**)
DF9B-23P-1V (**)
DF9B-25P-1V (**)
DF9B-31P-1V (**)
DF9B-41P-1V (**)
DF9B-51P-1V (**)
540-0134-7-**
540-0135-0-**
540-0136-2-**
540-0137-5-**
540-0138-8-**
540-0248-6-**
540-0140-0-**
540-0141-2-**
540-0142-5-**
540-0144-0-**
540-0221-0-**
540-0146-6-**
09
11
13
15
17
19
21
23
25
31
41
51
08.3
09.3
10.3
11.3
12.3
13.3
14.3
15.3
16.3
19.3
24.3
29.3
03
04
05
06
07
08
09
10
11
14
19
24
04
05
06
07
08
09
10
11
12
15
20
25
_
_
_
_
_
_
_
_
_
_
_
_
10.1
11.1
12.1
13.1
14.1
15.1
16.1
17.1
18.1
21.1
26.1
31.1
K
K
K
K
K
K
K
K
K
K
K
_
K
K
_
K
K
K
K
_
_
K
K
K
With metal
fitting
Without boss
With pick and
place tape
Number of Contacts
A
B
C
D
E
Spec.
(32)
Spec.
(69)
Remarks
Note 1 : Please order the emboss packaging product per reel. (1000 pcs./reel)
Note 2 : _ are not available. Regarding blank, please contact Hirose sales representative.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF9-9S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-9S-1V HIROSE-DF9-9S-1V Datasheet
275Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-9S-1V HIROSE-DF9-9S-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
More results

Similar Description - DF9-9S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-9S-1V HIROSE-DF9-9S-1V Datasheet
275Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF15 ETC1-DF15 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com