Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2D25S Datasheet(PDF) 2 Page - General Electric Company

Part # CC2D25S
Description  ChipCap 2 A Fully Calibrated Humidity and Temperature Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

CC2D25S Datasheet(HTML) 2 Page - General Electric Company

  CC2D25S Datasheet HTML 1Page - General Electric Company CC2D25S Datasheet HTML 2Page - General Electric Company CC2D25S Datasheet HTML 3Page - General Electric Company CC2D25S Datasheet HTML 4Page - General Electric Company CC2D25S Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Sensor Performance
Relative Humidity (RH%)
Resolution
14 bit (0.01%RH)
Accuracy1
±2.0 %RH (20~80%RH)2
Repeatability
±0.2 %RH
Hysteresis
±2.0 %RH
Linearity
<2.0 %RH
Response time3
7.0sec(τ63%)
Temp Coefficient
Max0.13%RH/°C(at10~60°C,10~90%RH)
Operating Range
0~100%RH(Non-Condensing)
Long Term Drift
<0.5%RH/yr(Normalcondition)
1. Custom Accuracy Tolerance Available
2. Accuracies measured at 25°C, 5.0V.
3. Measured at 25°C, 1m/sec airflow for achieving 63% of step
from 33%RH to 90%RH
Temperature (°C)
Resolution
14 bit (0.01°C)
Accuracy1
±0.3°C
Repeatability
±0.1°C
Response time2
5.0sec(τ63%)
Operating range
-40to125°C
Long term drift
<0.05°C/yr(Normalcondition)
1. Accuracies measured at 25°C, 5.0V
2. Min 5.0 sec, Max 20 sec
Typical Temperature Accuracy
Electrical Specificationss
Supply Voltage
min 2.7V to max 5.5V
Supply Current (IDD)
750 µA (typical)
Sleep Current (Isleep)
0.6µA(typical)
Environmental
Operating Temperature Range
-40to125°C
Operating RH Range
0to100%RH(non-condensing)
Typical %RH Accuracy
Absolute Maximum Rating
Parameter
Min
Max
SupplyVoltage(VDD)
-0.3V 6.0V
Storage Temp (Tstrg)
-50°C 150°C
Junction Temp (Tj)
-55°C 150°C
Soldering Information
Standard or IR Solder Reflow
Tp:260°C,tp:40sec.(qualifyPbfreeprofile)
Note: After soldering reconditioning will be required.
Details for this process can be found in the ChipCap2
application note (916-127).
Package Contents
Capacitive polymer RH Sensor,
PTA (Proportional to Absolute) Temperature sensor
integrated ASIC chip in LCC (Leadless Chip Carrier)
package, SMD, RoHS compliant


Similar Part No. - CC2D25S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CC2D25S AMPHENOL-CC2D25S Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
CC2D25S-SIP AMPHENOL-CC2D25S-SIP Datasheet
138Kb / 4P
   Fully Calibrated & Temperature Compensated
More results

Similar Description - CC2D25S

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SOP-14 GE-SOP-14 Datasheet
96Kb / 4P
   The Fully Calibrated Humidity and Temperature Solution
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
   HUMIDITY AND TEMPERATURE SENSOR
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
   Humidity and Temperature Sensor
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
   Fully calibrated & temperature compensated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com