Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527UT190-0304-30 Datasheet(PDF) 4 Page - Cree, Inc

Part # C527UT190-0304-30
Description  Small Chip 190 x 190 x 85 Single Wire Bond Structure
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527UT190-0304-30 Datasheet(HTML) 4 Page - Cree, Inc

  C527UT190-0304-30 Datasheet HTML 1Page - Cree, Inc C527UT190-0304-30 Datasheet HTML 2Page - Cree, Inc C527UT190-0304-30 Datasheet HTML 3Page - Cree, Inc C527UT190-0304-30 Datasheet HTML 4Page - Cree, Inc C527UT190-0304-30 Datasheet HTML 5Page - Cree, Inc C527UT190-0304-30 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
4
CPR3EO Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxUT190-Sxxxx-30 (continued)
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Sorteddiesheetscontaindiefrom
only one bin. Sorted die kit (CxxxUT190-Sxxxx-30) orders may be filled with any or all bins (CxxxUT190-xxxx-30)
contained in the kit. All radiant flux values are measured at If = 20 mA and all dominant wavelength values are
measuredatIf=5mA.
C470UT190-S1200-30
C470UT190-0313-30
C470UT190-0314-30
C470UT190-0315-30
C470UT190-0316-30
C470UT190-0309-30
C470UT190-0310-30
C470UT190-0311-30
C470UT190-0312-30
C470UT190-0305-30
C470UT190-0306-30
C470UT190-0307-30
C470UT190-0308-30
C470UT190-0301-30
C470UT190-0302-30
C470UT190-0303-30
C470UT190-0304-30
Dominant Wavelength
18.0mW
16.0mW
14.0mW
12.0mW
467.5nm
470nm
472.5nm
465nm
475nm
C527UT190-S0400-30
C527UT190-0307-30
C527UT190-0308-30
C527UT190-0309-30
C527UT190-0304-30
C527UT190-0305-30
C527UT190-0306-30
C527UT190-0301-30
C527UT190-0302-30
C527UT190-0303-30
Dominant Wavelength
8.0mW
6.0mW
4.0mW
525nm
530nm
535nm
520nm


Similar Part No. - C527UT190-0304-30

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C527UT190-0304-30 MARKTECH-C527UT190-0304-30 Datasheet
300Kb / 6P
   Cree UltraThin Gen III LEDs
More results

Similar Description - C527UT190-0304-30

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450UT190-S1200-31 CREE-C450UT190-S1200-31 Datasheet
304Kb / 6P
   Small Chip 190 x 190 x 50 Class 2 ESD Rating
C450UT170-S1200-31 CREE-C450UT170-S1200-31 Datasheet
327Kb / 6P
   Single Wire Bond Structure
logo
ORION FANS
OAB190 ORIONFANS-OAB190 Datasheet
93Kb / 1P
   Motorized Impeller 190 x 70mm (7.5??x 2.8??
logo
Lapp.
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
   ÖLFLEX® 190 & 190 CY
January 1, 2019
logo
UMPCO, Inc.
MS9102 UMPCO-MS9102 Datasheet
71Kb / 1P
   BRACKET-ANGLE 90째, .190 X .250 BOLT
AS9231 UMPCO-AS9231 Datasheet
69Kb / 1P
   BRACKET-ANGLE 90째,.190 X .375 BOLT
MS9103 UMPCO-MS9103 Datasheet
72Kb / 1P
   BRACKET-ANGLE 90째, .190 X .312 BOLT
MS9104 UMPCO-MS9104 Datasheet
71Kb / 1P
   BRACKET-ANGLE 90째, .190 X .375 BOLT
AS9230 UMPCO-AS9230 Datasheet
71Kb / 1P
   BRACKET-ANGLE 90째, .190 X .312 BOLT
MS9166 UMPCO-MS9166 Datasheet
70Kb / 1P
   BRACKET, 90째 ANGLE, AMS 6350, .190 X .250 BOLT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com