Electronic Components Datasheet Search |
|
DEJB3E2102ZA5B Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd. |
|
DEJB3E2102ZA5B Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd. |
6 / 83 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C85E.pdf Jul.13,2011 4 (Part Number) Safety Standard Certified Ceramic Capacitors for Automotive tCapacitance Expressed by three figures. The unit is pico-farad (pF). The first and second figures are significant digits, and the third figure expresses the number of zeros that follow the two numbers. oIndividual Specification Code For part number that cannot be identified without "Individual Specification," it is added at the end of part number, expressed by three-digit alphanumerics. The first three digits express product code. The fourth figure expresses certified type shown in rSafety Standard Certified Type column. Vertical Crimp Long Vertical Crimp Short Vertical Crimp Taping t 102 y M q DE u N3 r KJ e E3 w 6 i A o qProduct ID wSeries Category eTemperature Characteristics rRated Voltage/Safety Standard Certified Type Code KJ yCapacitance Tolerance Capacitance Tolerance Code K M T10% T20% Contents Outline Code 6 Cap. Change or Temp. Coeff. Temperature Range Temperature Characteristics Rated Voltage Code B3 E3 T10% W20%,Y55% Y25 to W85D B E Safety Standard Certified IEC60384-14 Class X1, Y2 X1, Y2; AC300V, (Safety Standard Certified Type KJ) Product ID DE Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors uLead Style Lead Style Code A3 B3 N3 Lead Spacing Pitch of Components Lead Diameter Dimensions (mm) 7.5 ø0.6 T0.05 Y Y 15 iPackaging Packaging Code A B Ammo Pack Taping Bulk |
Similar Part No. - DEJB3E2102ZA5B |
|
Similar Description - DEJB3E2102ZA5B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |