Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

87C196CB Datasheet(PDF) 35 Page - Intel Corporation

Part No. 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 35 Page - Intel Corporation

Back Button 87C196CB Datasheet HTML 28Page - Intel Corporation 87C196CB Datasheet HTML 29Page - Intel Corporation 87C196CB Datasheet HTML 30Page - Intel Corporation 87C196CB Datasheet HTML 31Page - Intel Corporation 87C196CB Datasheet HTML 32Page - Intel Corporation 87C196CB Datasheet HTML 33Page - Intel Corporation 87C196CB Datasheet HTML 34Page - Intel Corporation 87C196CB Datasheet HTML 35Page - Intel Corporation 87C196CB Datasheet HTML 36Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Production Datasheet
31
87C196CB - Automotive
2. ABSOLUTE MAXIMUM RATINGS have been added.
3. Maximum Frequency has been increased to 20 MHz.
4. Maximum ICC has been increased from 75 mA to 100 mA for the CB, 90 mA for the CA.
5. Idle Mode current has been increased to 35 mA from 30 mA for the CB, 40 mA for the CA.
6. Input leakage current for Port 0 (ILI1) was decreased to 1.5 µA from 2.0 µA for the CA.
7. The electrical characteristics for the CAN module were removed. The electrical characteristics
for TXCAN and RXCAN are identical to standard port pins.
8. TOSC (1/freq) was modified to reflect 20 Mhz timings.
9. TOFD (Oscillator Fail Detect Specification) for clock failure to RESET pin pulled low, was
added to the data sheet (4 µs min, 40 µs max)
10. TWHQX has been increased to TOSC –25 ns min from TOSC –30 ns min.
11. TRXDX has been replaced by TRHDX. TRLAZ has been increased to 20 ns max from 5 ns max.
12. I PP programming supply current has been increased to 200 mA from 100 mA.
13. TCONV Conversion time for 10 bit A/D conversions has been decreased to reflect 20 Mhz
operation.
14. RRST was added for the 87C196CA, min = 6 KΩ/max = 65 KΩ.
15. TCLLH–min/max parameters switched to accurately reflect this timing parameter.
16. TRLCL–Separate timings for the 87C196CA vs 87C196CB. TRLCL for the CB is min –8 ns,
max +20 ns. For the CA, TRLCL min +4 ns/max +30 ns.
17. TRLRH changed to TOSC –10 ns from TOSC –5 ns.
18. TAVGV added for the 87C196CB.
19. TLLGV added for the 87C196CB.
20. TCLGX added for the 87C196CB.
21. TRLDV–Separate timings for 87C196CB.TRLDV max = TOSC –30 ns. For the 87C196CA,
TRLDV max = TOSC – 22 ns.
22. HOLD/HOLDA timings added for the 87C196CB.
23. Slave Port Timings added for the 87C196CB.
24. Separate specifications for TPLPH for the 87C196CB, TPLPH, min = 100 TOSC. For the
87C196CA, TPLPH min = 50 TOSC.
25. Separate specifications for TPLDV for the 87C196CB, TPLDV min = 100 TOSC for the
87C196CA, TPLDV min = 50 TOSC.
26. 8-Bit mode A/D characteristics added.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn