Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

87C196CB Datasheet(PDF) 27 Page - Intel Corporation

Part No. 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 27 Page - Intel Corporation

Back Button 87C196CB Datasheet HTML 23Page - Intel Corporation 87C196CB Datasheet HTML 24Page - Intel Corporation 87C196CB Datasheet HTML 25Page - Intel Corporation 87C196CB Datasheet HTML 26Page - Intel Corporation 87C196CB Datasheet HTML 27Page - Intel Corporation 87C196CB Datasheet HTML 28Page - Intel Corporation 87C196CB Datasheet HTML 29Page - Intel Corporation 87C196CB Datasheet HTML 30Page - Intel Corporation 87C196CB Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Production Datasheet
23
87C196CB - Automotive
TPLDX
Data Hold Time
400
TOSC
TLLLH
PALE# Pulse Width
50
TOSC
TPLPH
PROG# Pulse Width (2)
100
TOSC
TLHPL
PALE# High to PROG# Low
220
TOSC
TPHLL
PROG# High to Next PALE# Low
220
TOSC
TPHDX
Word Dump Hold Time
50
TOSC
TPHPL
PROG# High to Next PROG# Low
220
TOSC
TLHPL
PALE# High to PROG# Low
220
TOSC
TPLDV
PROG# Low to Word Dump Valid
100
TOSC
TSHLL
RESET# High to First PALE# Low
1100
TOSC
TPHIL
PROG# High to AINC# Low
0
TOSC
TILIH
AINC# Pulse Width
240
TOSC
TILVH
PVER Hold after AINC# Low
50
TOSC
TILPL
AINC# Low to PROG# Low
170
TOSC
TPHVL
PROG# High to PVER# Valid
220
TOSC
NOTES:
1.Run time programming is done with FOSC = 6 MHz to 10 MHz, VCC, VPD, VREF = 5 V ±0.25 V,
TC = 25°C ±5°C and VPP = 12.5 V ± 0.25 V. For run-time programming over a full operating range, contact
factory.
2.Programming Specifications are not tested, but guaranteed by design.
3.This specification is for the word dump mode. For programming pulses use 300 TOSC + 100 µs.
Table 16. DC EPROM Programming Characteristics
Symbol
Parameter
Min
Max
Units
IPP
VPP Programming Supply Current
200
mA
NOTE: VPP must be within 1 V of VCC while VCC < 4.5 V. VPP must not have a low impedance path to ground
or VSS while VCC > 4.5 V.
Table 15. AC EPROM Programming Characteristics (Sheet 2 of 2)
Symbol
Parameter
Min
Max
Units


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn