Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

87C196CB Datasheet(PDF) 25 Page - Intel Corporation

Part No. 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

87C196CB Datasheet(HTML) 25 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Table 13. External Clock Drive
Symbol
Parameter
Min (1)
Max
Units
1/TXLXL
Oscillator Frequency
4
20
MHz
TXLXL
Oscillator Period (TOSC)
50
250
ns
TXHXX
High TIme
0.35 TOSC
0.65 TOSC
ns
TXLXX
Low Time
0.35 TOSC
0.65 TOSC
ns
TXLXH
Rise TIme
10
ns
TXHXL
Fall Time
10
ns
Figure 14. External Clock Drive Waveforms
TXLXX
A5842-01
TXHXX
TXHXL
T
XLXL
0.3 VCC – 0.5 V
0.7 VCC + 0.5 V
TXLXH
0.7 VCC + 0.5 V
0.3 VCC – 0.5 V
0.7 VCC + 0.5 V
Figure 15. Input/Output Test Conditions
Test Points
2.0 V
0.8 V
Note:
AC testing inputs are driven at 3.5 V for a logic “ 1” and 0.45 V for a logic
“ 0” . Timing measurements are made at 2.0 V for a logic “ 1” and 0.8 V for
a logic “ 0”.
3.5 V
0.45 V
A5843-01
INPUTS
OUTPUTS
Production Datasheet
21
87C196CB - Automotive


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn