Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

87C196CB Datasheet(PDF) 24 Page - Intel Corporation

Part No. 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

87C196CB Datasheet(HTML) 24 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Table 11. Normal Master/Slave Operation
Symbol
Parameter
Min (1)
Max
Units
TCHCH
Clock Period
4t
ns
TCLCH
Clock Low Time/Clock High Time
2t–10
ns
TCLDV
Clock Falling to Data Out Valid (Master)
0.5t
1.5t + 20
ns
TCLDV1
Clock Falling to Data Out Valid (Slave)
0.5t
1.5t + 50
ns
TDVCH
Data In Setup to Clock Rising Edge
10
ns
TCHDX
Clock Rising Edge to Data In Invalid
t + 15
ns
NOTE:
1. t = 1 state time (100 ns @ 20 MHz).
2. Timings are guaranteed by design.
Table 12. Handshake Operation
Symbol
Parameter
Min (1)
Max
Units
TCHCH
Clock Period
4t
ns
TCLCH
Clock Low Time/Clock High Time
2t–10
ns (2)
TCLDV
Clock Falling to Data Out Valid (Master)
0.5t
1.5t + 20
ns
TCLDV1
Clock Falling to Data Out Valid (Slave)
0.5t
1.5t + 20
ns
TDVCH
Data In Setup to Clock Rising Edge
10
ns
TCHDX
Clock Rising Edge to Data In Invalid
t + 15
ns
NOTE:
1. t = 1 state time (100 ns @ 20 MHz).
2. This specification refers to input clocks during slave operation. During master operation, the device outputs
a nominal 50% duty cycle clock.
Figure 13. Synchronous Serial Port
A4512-01
D5
D4
D3
D2
MSB
D6
D1
D0
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
SCx
(normal
transfers)
SDx (out)
SDx (in)
SCx
(handshaking
transfers)
Slave Receiver Pulls SCx low
TCLCL
TCLCH
STE Bit
TD1DV
TCXDX
TCXDV
TDVCX
TDXCX
valid
valid
valid
valid
valid
valid
valid
valid
87C196CB - Automotive
20
Production Datasheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn