Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

87C196CB Datasheet(PDF) 23 Page - Intel Corporation

Part No. 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

87C196CB Datasheet(HTML) 23 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Figure 12. Slave Port Waveform - (SLPL = 1)
A5846-01
CS
ALE
RD
P3
WR
TSRLDV
TSWLWH
TSLLRL
TSELLL
TSRHEH
TSRLRH
TSAVLL
TSLLAX
TSDVWH
TSWHQX
TSRHDZ
Table 10. Slave Port Timing - (SLPL = 1, 2, 3)
Symbol
Parameter
Min
Max
Units
TSELLL
CS# Low to ALE Low
20
ns
TSRHEH
RD# or WR# High to CS# High
60
ns
TSLLRL
ALE Low to RD# Low
TOSC
ns
TSRLRH
RD# Low Period
TOSC
ns
TSWLWH
WR# Low Period
TOSC
ns
TSAVLL
Address Valid to ALE Low
20
ns
T
ALE Low to Address Invalid
20
ns
T
RD# Low to Output Data Valid
60
ns
T
Input Data Setup to WR# High
20
ns
T
WR# High to Data Invalid
30
ns
T
RD# High to Data Float
15
ns
NOTE:
1. Test Conditions:
•FOSC = 20 MHz
•TOSC = 60 ns
• Rise/Fall Time = 10 ns
• Capacitive Pin Load = 100 pF
2. These values are not tested in production, and are based upon theoretical estimates and/or laboratory
tests.
Production Datasheet
19
87C196CB - Automotive
SLLAX
SRLDV
SDVWH
SWHQX
SRHDZ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn