Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

87C196CB Datasheet(PDF) 18 Page - Intel Corporation

Part No. 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

87C196CB Datasheet(HTML) 18 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Table 7. AC Characteristics (Over Specified Operating Conditions)
Symbol
Parameter
Min
Max
Units
The System Must Meet These Specifications to work with the 87C196CB - Automotive
T
Address Valid to READY Setup
2 TOSC–75
ns (3)
T
ALE Low to READY Setup
2 TOSC–70
ns (3)
T
Non Ready Time
No Upper Limit
ns
TCLYX
READY Hold after CLKOUT Low
0
TOSC–30
ns (1)
T
Address Valid to BUSWIDTH Setup
2 TOSC–75
ns (2,3)
T
ALE Low to BUSWIDTH Setup
TOSC–60
ns (2,3)
T
BUSWIDTH Hold after CLKOUT Low
0
ns
T
Address Valid to Input Data Valid
3TOSC–55
ns (2)
T
RD# Active to Input Data Valid
TOSC–30
ns (2)
T
CLKOUT Low to Input Data Valid
TOSC–50
ns
T
End of RD# to Input Data Float
TOSC
ns
T
Data Hold after RD# High
0
ns
NOTES:
1.If Maximum is exceeded, additional wait states will occur.
2.If wait states are used, add 2 TOSC x n, where n = number of wait states.
3.If mode 0 is selected, one wait state minimum is always added. If additional wait states are required, add 2
TOSC to the specification.
87C196CB - Automotive
14
Production Datasheet
AVYV
LLYV
YLYH
AVGV
LLGV
CLGX
AVDV
RLDV
CLDV
RHDZ
RHDX


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn