Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

87C196CB Datasheet(PDF) 15 Page - Intel Corporation

Part No. 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 15 Page - Intel Corporation

Back Button 87C196CB Datasheet HTML 11Page - Intel Corporation 87C196CB Datasheet HTML 12Page - Intel Corporation 87C196CB Datasheet HTML 13Page - Intel Corporation 87C196CB Datasheet HTML 14Page - Intel Corporation 87C196CB Datasheet HTML 15Page - Intel Corporation 87C196CB Datasheet HTML 16Page - Intel Corporation 87C196CB Datasheet HTML 17Page - Intel Corporation 87C196CB Datasheet HTML 18Page - Intel Corporation 87C196CB Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Production Datasheet
11
87C196CB - Automotive
ILI1
Input Leaka‘ge Current
(Port 0)
±1
µA
VSS < VIN < VREF
VOH1
SLPINT (P5.4) and
HLDA# (P2.6) Output High
Voltage in RESET#
2
V
IOH = 0.8 mA (Note 6)
VOH2
Output High Voltage in
RESET#
VCC – 1
V
IOH = –15 µA (Note 1)
CS
Pin Capacitance
(Any Pin to VSS)
10
pF
FTEST = 1 MHz (Note 5)
RRST
Reset Pullup Resistor
65 K
180 K
RWPU
Weak Pullup Resistance
150 K
(Note 5)
Figure 6. 87C196CB ICC vs Frequency
A5863-01
Active ICC Max = 100 mA
Active ICC = 83 mA
Idle Max = 35 mA
Idle ICC = 28 mA
100
90
80
70
60
50
40
30
20
10
0
2
8
14
20
Table 5. DC Characteristics (Under Listed Operating Conditions) (Sheet 2 of 2)
Symbol
Parameter
Min
Typ
Max
Units
Test
Conditions
NOTES:
1.All BD (bidirectional) pins except INST and CLKOUT. INST and CLKOUT are excluded due to not being
weakly pulled high in reset. BD pins include Port1, Port2, Port3, Port4, Port5 and Port6 except SLPINT
(P5.4) and HLDA# (P2.6).
2.Standard Input pins include XTAL1, EA#, RESET# and Port 1/2/5/6 when setup as inputs.
3.All Bidirectional I/O pins when configured as Outputs (Push/Pull).
4.Device is Static and should operate below 1 Hz, but only tested down to 4 MHz.
5.Typicals are based on limited number of samples and are not guaranteed. The values listed are at room
temperature and VREF = VCC = 5 V.
6.Violating these specifications in reset may cause the device to enter test mode (P5.4 and P2.6).
7.When P0 is used as analog inputs, refer to A/D specifications for this characteristic.
8.For temperatures < 100°C typical is 10 µA.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn