Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

87C196CB Datasheet(PDF) 14 Page - Intel Corporation

Part No. 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

87C196CB Datasheet(HTML) 14 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
87C196CB - Automotive
10
Production Datasheet
5.0
Electrical Characteristics
ABSOLUTE MAXIMUM RATINGS*
Storage Temperature
–60°C to +150°C
Voltage from VPP or EA# to
VSS or ANGND ........................... –0.5 V to +13.0 V
Voltage from any other pin to
VSS or ANGND ........................... –0.5 V to +7.0 V
This includes VPP on ROM and CPU devices.
Power Dissipation............................. 1.0 W
OPERATING CONDITIONS
T (Ambient Temperature Under Bias)–40°C to +125°C
V
(Digital Supply Voltage)
4.75 V to 5.25 V
V
(Analog Supply Voltage)
4.75 V to 5.25 V
F
(Oscillator Frequency .............. 4 MHz to 20 MHz
NOTE: ANGND and VSS should be nominally at the same
potential.
NOTICE: This is a production data sheet. The specifi-
cations are subject to change without notice. Verify with
your local Intel sales office that you have the latest
datasheet before finalizing a design.
*WARNING: Stressing the device beyond the
“Absolute Maximum Ratings” may cause
permanent damage. These are stress ratings
only. Operation beyond the “Operating
Conditions” is not recommended and extended
exposure beyond the “Operating Conditions”
may affect device reliability.
5.1
DC Characteristics
A
CC
REF
OSC
Table 5. DC Characteristics (Under Listed Operating Conditions) (Sheet 1 of 2)
Symbol
Parameter
Min
Typ
Max
Units
Test
Conditions
ICC
VCC Supply Current
(–40°C to +125°C Ambient)
100
mA
XTAL1 = 20 MHz
VCC = VPP = VREF= 5.25 V
(While Device in Reset)
IREF
A/D Reference Supply
Current
5
mA
IIDLE
Idle Mode Current
35
mA
XTAL1 = 20 MHz
VCC = VPP = VREF = 5.25 V
IPD
Powerdown Mode Current
50
µA
VCC = VPP = VREF = 5.52 V
(Notes 5,8)
VIL
Input Low Voltage (All Pins)
–0.5
0.3 VCC
V
For PORT0 (Note 7)
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
For PORT0 (Note 7)
VOL
Output Low Voltage
(Outputs Configured as
Complementary)
0.3
0.45
1.5
V
IOL = 200 µA (Note 3)
IOL = 3.2 mA
IOL = 7 mA
VOH
Output High Voltage (Output
Configured as
Complementary)
VCC – 0.3
VCC – 0.7
VCC – 1.5
V
IOH = –200 µA (Note 3)
IOH = –3.2 mA
IOH = –7 mA
ILI
Input Leakage Current
(Standard Inputs)
±10
µA
VSS < VIN < VCC
NOTES:
1.All BD (bidirectional) pins except INST and CLKOUT. INST and CLKOUT are excluded due to not being
weakly pulled high in reset. BD pins include Port1, Port2, Port3, Port4, Port5 and Port6 except SLPINT
(P5.4) and HLDA# (P2.6).
2.Standard Input pins include XTAL1, EA#, RESET# and Port 1/2/5/6 when setup as inputs.
3.All Bidirectional I/O pins when configured as Outputs (Push/Pull).
4.Device is Static and should operate below 1 Hz, but only tested down to 4 MHz.
5.Typicals are based on limited number of samples and are not guaranteed. The values listed are at room
temperature and VREF = VCC = 5 V.
6.Violating these specifications in reset may cause the device to enter test mode (P5.4 and P2.6).
7.When P0 is used as analog inputs, refer to A/D specifications for this characteristic.
8.For temperatures < 100°C typical is 10 µA.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn