Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

87C196CB Datasheet(PDF) 12 Page - Intel Corporation

Part No. 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 12 Page - Intel Corporation

Back Button 87C196CB Datasheet HTML 8Page - Intel Corporation 87C196CB Datasheet HTML 9Page - Intel Corporation 87C196CB Datasheet HTML 10Page - Intel Corporation 87C196CB Datasheet HTML 11Page - Intel Corporation 87C196CB Datasheet HTML 12Page - Intel Corporation 87C196CB Datasheet HTML 13Page - Intel Corporation 87C196CB Datasheet HTML 14Page - Intel Corporation 87C196CB Datasheet HTML 15Page - Intel Corporation 87C196CB Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Table 4. 87C196CB Memory Map
Address
Description
Notes
FFFFFFH
FF2080H
Program Memory - Internal EPROM or External Memory (Determined by EA#
Pin)
FF207FH
FF2000H
Special Purpose Memory - Internal EPROM or External Memory (Determined
by EA# Pin)
FF1FFFH
FF0600H
External Memory
FF05FFH
FF0400H
Internal RAM (Identically Mapped into 00400H–005FFH)
FF03FFH
FF0100H
External Memory
FF00FFH
FF0000H
Reserved for ICE
FEFFFFH
0F0000H
Overlaid Memory (External)-Accesses into Memory Ranges 0F0000H to
FEFFFFH will Overlay Page 15 (0FH) for CB QFP package-External Memory.
(5)
0EFFFFH
010000H
900 Kbytes External Memory
00FFFFH
002080H
External Memory or Remapped OTPROM (Program Memory)
(1)
00207FH
002000H
External Memory or Remapped OTPROM (Special Purpose Memory)
(1,3)
001FFFH
001FE0H
Memory Mapped Special Function Registers (SFR's)
001FDFH
001F00H
Internal Peripheral Special Function Registers (SFR's)
(5)
001EFFH
001E00H
Internal CAN Peripheral Memory
(5)
001DFFH
001C00H
Internal Register RAM
001BFFH
000600H
External Memory
0005FFH
000400H
Internal RAM (Code RAM) (Address with Indirect or Indexed Modes)
0003FFH
000100H
Register RAM – Upper Register File (Address with Indirect or Indexed Modes or
through Windows.)
(2)
0000FFH
000018H
Register RAM – Lower Register File. (Address with Direct, Indirect, or Indexed
Modes.)
(2)
000017H
000000H
CPU SFR's
(4)
NOTES:
1. These areas are mapped internal EPROM if the REMAP bit (CCB2.2) is set and EA# = 5 V. Otherwise they
are external memory.
2. Code executed in locations 0000H to 003FFH is forced external.
3. Reserved memory locations must contain 0FFH unless noted.
4. Reserved SFR bit locations must be written with 0.
5. Refer to 8XC196CB Supplement to 8xC196NT User's Manual for SFR, CAN and Paging Descriptions.
87C196CB - Automotive
8
Production Datasheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn