Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527UT2200-0202 Datasheet(PDF) 4 Page - Cree, Inc

Part # C527UT2200-0202
Description  Small Chip 200 x 200 x 50
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527UT2200-0202 Datasheet(HTML) 4 Page - Cree, Inc

  C527UT2200-0202 Datasheet HTML 1Page - Cree, Inc C527UT2200-0202 Datasheet HTML 2Page - Cree, Inc C527UT2200-0202 Datasheet HTML 3Page - Cree, Inc C527UT2200-0202 Datasheet HTML 4Page - Cree, Inc C527UT2200-0202 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
4
CPR3DP Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves
These are representative measurements for the UT2200 product. Actual curves will vary slightly for the various radiant
flux and dominant wavelength bins.
Relative Intensity vs. Forward Current
0
50
100
150
200
250
300
350
400
450
0
5
10
15
20
25
30
If (mA)
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Dominant Wavelength Shift vs. Forward Current
Forward Current vs. Forward Voltage
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vf (V)
Blue
Green
0
5
10
15
20
25
30
If (mA)
Relative Intensity vs. Peak Wavelength
0
10
20
30
40
50
60
70
80
90
100
360 380 400 420 440 460 480 500 520 540 560 580 600 620 640
Wavelength (nm)
Blue
Green


Similar Part No. - C527UT2200-0202

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527UT230-0101 CREE-C527UT230-0101 Datasheet
269Kb / 4P
   UltraThin LEDs
C527UT230-0102 CREE-C527UT230-0102 Datasheet
269Kb / 4P
   UltraThin LEDs
C527UT230-0103 CREE-C527UT230-0103 Datasheet
269Kb / 4P
   UltraThin LEDs
C527UT230-0104 CREE-C527UT230-0104 Datasheet
269Kb / 4P
   UltraThin LEDs
C527UT230-0105 CREE-C527UT230-0105 Datasheet
269Kb / 4P
   UltraThin LEDs
More results

Similar Description - C527UT2200-0202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCM-5423-22A ETC-LCM-5423-22A Datasheet
178Kb / 2P
   640 x 200 dots 1/200 duty
logo
Vishay Siliconix
OLED-200H016A-GPP5N00000 VISHAY-OLED-200H016A-GPP5N00000 Datasheet
454Kb / 23P
   200 x 16 Graphic OLED
01-Jan-2023
OLED-200H016A-LPP5N00000 VISHAY-OLED-200H016A-LPP5N00000 Datasheet
412Kb / 23P
   200 x 16 Graphic OLED
01-Jan-2023
OLED-200H016A VISHAY-OLED-200H016A Datasheet
71Kb / 3P
   200 x 16 Graphic OLED
01-Jan-2023
logo
Cree, Inc
C450UT190-S1200-31 CREE-C450UT190-S1200-31 Datasheet
304Kb / 6P
   Small Chip 190 x 190 x 50 Class 2 ESD Rating
logo
Communications & Power ...
SFD349 CPI-SFD349 Datasheet
314Kb / 1P
   200 kW, X-band coaxial magnetron
logo
Banner Engineering Corp...
LEDRB100X200N BANNER-LEDRB100X200N Datasheet
45Kb / 2P
   LED Backlights (100 x 200 mm)
logo
Adam Technologies, Inc.
CE98U ADAM-TECH-CE98U Datasheet
115Kb / 1P
   CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
HMCA-112-G ADAM-TECH-HMCA-112-G Datasheet
559Kb / 9P
   CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
logo
Wall Industries,Inc.
LVSERIES WALL-LVSERIES Datasheet
266Kb / 4P
   50-200 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com